Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP20N06 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHP20N06
Description  N-channel TrenchMOS transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP20N06 Datasheet(HTML) 2 Page - NXP Semiconductors

  PHP20N06 Datasheet HTML 1Page - NXP Semiconductors PHP20N06 Datasheet HTML 2Page - NXP Semiconductors PHP20N06 Datasheet HTML 3Page - NXP Semiconductors PHP20N06 Datasheet HTML 4Page - NXP Semiconductors PHP20N06 Datasheet HTML 5Page - NXP Semiconductors PHP20N06 Datasheet HTML 6Page - NXP Semiconductors PHP20N06 Datasheet HTML 7Page - NXP Semiconductors PHP20N06 Datasheet HTML 8Page - NXP Semiconductors PHP20N06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
PHP20N06T; PHB20N06T
N-channel TrenchMOS™ transistor
Product specification
Rev. 01 — 22 February 2001
2 of 15
9397 750 07894
© Philips Electronics N.V. 2001. All rights reserved.
5.
Quick reference data
6.
Limiting values
Table 2:
Quick reference data
Symbol Parameter
Conditions
Typ
Max
Unit
VDS
drain-source voltage (DC)
Tj =25to175 oC
55
V
ID
drain current (DC)
Tmb =25 °C; VGS =10V
20.3
A
Ptot
total power dissipation
Tmb =25 °C
62
W
Tj
junction temperature
175
°C
RDSon
drain-source on-state resistance
VGS = 10 V; ID =10A
Tj =25 °C64
75
m
Tj = 175 °C
150
m
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
55
V
VDGR
drain-gate voltage (DC)
RGS =20kΩ−
55
V
VGS
gate-source voltage (DC)
−±20
V
ID
drain current (DC)
Tmb =25 °C; VGS =10V;
Figure 2 and 3
20.3
A
Tmb = 100 °C; VGS =10V; Figure 2
14.3
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs;
Figure 3
81
A
Ptot
total power dissipation
Tmb =25 °C; Figure 1
62
W
Tstg
storage temperature
−55
+175
°C
Tj
operating junction temperature
−55
+175
°C
Source-drain diode
IDR
reverse drain current (DC)
Tmb =25 °C
20.3
A
IDRM
pulsed reverse drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs
81
A
Avalanche ruggedness
WDSS
non-repetitive avalanche energy
unclamped inductive load; ID =11A;
VDS ≤ 55 V; VGS = 10 V; RGS =50 Ω;
starting Tmb =25 °C
30.3
mJ


Similar Part No. - PHP20N06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP20N06 PHILIPS-PHP20N06 Datasheet
54Kb / 7P
   PowerMOS transistor
August 1996 Rev 1.000
PHP20N06E PHILIPS-PHP20N06E Datasheet
54Kb / 7P
   PowerMOS transistor
August 1996 Rev 1.000
PHP20N06T NXP-PHP20N06T Datasheet
383Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-27 November 2009
logo
Nexperia B.V. All right...
PHP20N06T NEXPERIA-PHP20N06T Datasheet
859Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02 - 27 November 2009
More results

Similar Description - PHP20N06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com