Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7111 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MAC7111
Description  Microcontroller Family Hardware Specifications
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7111 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MAC7111 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAC7111 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAC7111 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAC7111 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7111 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7111 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7111 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7111 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7111 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Ordering Information
Freescale Semiconductor
2
inter-integrated circuit (I2C™) bus controllers, FlexCAN interfaces, an enhanced modular I/O subsystem
(eMIOS), 10-bit analog-to-digital converter (ATD) module(s), general-purpose timers (PIT) and two
special-purpose timers (RTI and SWT). The peripherals share a large number of general purpose
input-output (GPIO) pins, all of which are bidirectional and available with interrupt capability to trigger
wake-up from low-power chip modes. Refer to Table 2 for a comparison of family members and
availability of peripheral modules on each device.
The use of a PLL allows power drain and performance to be balanced to best fit requirements. The
operating frequency of devices in the family is up to a maximum of 50 MHz. The internal data paths
between the CPU core, eDMA, memory and peripherals are all 32 bits wide, further improving
performance for 32-bit applications. The MAC7111, MAC7116, MAC7131 and MAC7136 also offer a
16-bit wide external data bus with 22 address lines. The family of devices is capable of operating over a
junction temperature range of –40° C to 150° C.
2
Ordering Information
Figure 1. Order Part Number Example
The mask set of a device is marked with a four-character code consisting of a letter, two numerical digits,
and a letter, for example L49P. Slight variations to the mask set identification code may result in an
optional numerical digit preceding the standard four-character code, for example 0L49P.
Table 1. MAC7100 Family Mask Set to Part Number Correspondence
Mask Set
Status
Part Number(s)
0L49P
Engineering samples
PAC7101, PAC7111, PAC7121, PAC7131, PAC7141
1L49P
Limited production, pre-qualification
PAC7101, PAC7111, PAC7121, PAC7131, PAC7141
0L47W
Limited production, pre-qualification
PAC7101, PAC7111, PAC7121, PAC7131, PAC7141
1L47W
Fully-qualified, production
MAC7101, MAC7111, MAC7121, MAC7131, MAC7141
0L61W
Engineering samples
PAC7112, PAC7122, PAC7142
0L38Y
Engineering samples
PAC7106, PAC7116, PAC7126, PAC7136
1L38Y
Fully-qualified, production
MAC7106, MAC7116, MAC7126, MAC7136
M AC 7 1 0 1 C PV 50 xx
Qualification Status
Core Code
Core Number
Generation / Family
Package Option
Device Number
Temperature Range
Package Identifier
Speed (MHz)
Optional Package Identifiers
Temperature Option
C = –40° C to 85° C
V
= –40° C to105° C
M = –40° C to125° C
Package Option
FU = 100 LQFP
AF = 100 LQFP, RoHS
PV = 112 / 144 LQFP
AG = 112 / 144 LQFP, RoHS
VF = 208 MAP BGA
VM = 208 MAP BGA, RoHS


Similar Part No. - MAC7111

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC7111 MOTOROLA-MAC7111 Datasheet
1Mb / 48P
   MAC7100 Microcontroller Family Hardware Specifications
logo
Freescale Semiconductor...
MAC7111 FREESCALE-MAC7111 Datasheet
112Kb / 710P
   Microcontroller Family Reference Manual
MAC7111 FREESCALE-MAC7111 Datasheet
112Kb / 16P
   Microcontroller Family Reference Manual
logo
Motorola, Inc
MAC7111CFU MOTOROLA-MAC7111CFU Datasheet
1Mb / 48P
   MAC7100 Microcontroller Family Hardware Specifications
MAC7111CPV MOTOROLA-MAC7111CPV Datasheet
1Mb / 48P
   MAC7100 Microcontroller Family Hardware Specifications
More results

Similar Description - MAC7111

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC7100 MOTOROLA-MAC7100 Datasheet
1Mb / 48P
   MAC7100 Microcontroller Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8260AEC MOTOROLA-MPC8260AEC Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com