Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S12D32 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC9S12D32
Description  16-Bit Microcontroller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12D32 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9S12D32 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S12D32 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S12D32 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S12D32 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S12D32 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S12D32 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S12D32 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S12D32 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S12D32 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MC9S12D-FamilyPP
Rev 6.1, 23-Oct-02
MC9S12D-Family
Product Brief
16-Bit Microcontroller
Designed for automotive multiplexing applications, members of the MC9S12D-Family of 16 bit Flash-
based microcontrollers are fully pin compatible and enable users to choose between different memory
and peripheral options for scalable designs. All MC9S12D-Family members are composed of standard
on-chip peripherals including a 16-bit central processing unit (CPU12), up to 512K bytes of Flash
EEPROM, 14K bytes of RAM, 4K bytes of EEPROM, two asynchronous serial communications
interfaces (SCI), three serial peripheral interfaces (SPI), IIC-bus, an enhanced capture timer (ECT), two
8-channel 10-bit analog-to-digital converters (ADC), an eight-channel pulse-width modulator (PWM),
J1850 interface and up to five CAN 2.0 A, B software compatible modules (MSCAN12). System
resource mapping, clock generation, interrupt control and bus interfacing are managed by the system
integration module (SIM). The MC9S12D-Family has full 16-bit data paths throughout, however, the
external bus can operate in an 8-bit narrow mode so single 8-bit wide memory can be interfaced for
lower cost systems. The inclusion of a PLL circuit allows power consumption and performance to be
adjusted to suit operational requirements. In addition to the I/O ports available in each module, up to 22
I/O ports are available with interrupt capability allowing Wake-Up from STOP or WAIT mode.
Features
NOTE
Not all features listed here are available in all configurations.
Additional information about D and B family inter-operability is given in:
EB386 “HCS12 D-Family Compatibility Considerations” and
EB388 “Using the HCS12 D-Family as a development platform for the HCS12 B family”
• 16-bit CPU12
— Upward compatible with M68HC11 instruction set
— Interrupt stacking and programmer’s model identical to M68HC11
— HCS12 Instruction queue
— Enhanced indexed addressing
• Multiplexed bus
— Single chip or expanded
— 16 address/16 data wide or 16 address/8 data narrow modes
— External address space 1MByte for Data and Program space (112 pin package only)
• Wake-up interrupt inputs depending on the package option
— 8-bit port H
— 2-bit port J1:0
— 2-bit port J7:6 shared with IIC, CAN4 and CAN0 module
— 8-bit port P shared with PWM or SPI1,2
• Memory options
— 32K, 64K, 128K, 256K, 512K Byte Flash EEPROM
— 1K, 2K, 4K Byte EEPROM
— 2K, 4K, 8K, 12K, 14K Byte RAM
Freescale Semiconductor, Inc.
For More Information On This Produ
Go to: www.freescale.com


Similar Part No. - MC9S12D32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12D32 MOTOROLA-MC9S12D32 Datasheet
373Kb / 14P
   16-Bit Microcontroller
logo
Freescale Semiconductor...
MC9S12D32 FREESCALE-MC9S12D32 Datasheet
1Mb / 128P
   Device User Guide V01.20
MC9S12D32 FREESCALE-MC9S12D32 Datasheet
1Mb / 128P
   MC9S12DJ64 Device User Guide
More results

Similar Description - MC9S12D32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com