Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90-1283 Datasheet(PDF) 1 Page - Tyco Electronics

Part # AT90-1283
Description  Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT90-1283 Datasheet(HTML) 1 Page - Tyco Electronics

  AT90-1283_1 Datasheet HTML 1Page - Tyco Electronics AT90-1283_1 Datasheet HTML 2Page - Tyco Electronics AT90-1283_1 Datasheet HTML 3Page - Tyco Electronics AT90-1283_1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
!
0
%' 1 3 4
01 1 3
4
5
4
6
6
7
6
5
4
+
!8969 5
$$76
1'
:
$-' 0*&(
;
+9$ 1 "
$$7
4
<
' 1
3
01 1 3
$
+=+5 >
$
$-' 0*&(
!
!
?
+
!
$-'
'*&(
' @ $$77
A0 @ $$7B
$-' 0*&(
3
5
$-' 0*&($C
$
C
0D C
$-' 0*&( $3
E
$
3
!
!
0
;>6
0.
>
*
&
0&
>
(
/
0-
F2
*
/
*
*'
>
1
0
*0
/
)
' 1
**
>
.
;>6
*(
/
&
>
*/
>
-
>
*1
2
(
0'
>
0
*)
;>6
00
;>6
*.
C+*
0*
C+0
*&
;>6
0(
;>6
*-
>
0
0/
>
('
2
(!
1
01
>
(0
>
0)
>
(*
F2
*!
)
>
%C
>
10(
<
0 5
0'
*-
"
* 5
0-
"
5
(*
( 5
*1
5
('
/
'0 G+
"
"
5
*0
*(
1 299
?
0 G+
;>6
;
6
6
) F2
?
0 G+
;>6
"
"
#
$
%
&!
'
'
'
'
'
7
!C
'
'
'
0
' 1 3
'
'
0
'
0 ' 3
'
0
'
'
* ' 3
0
'
'
'
/ ' 3
'
'
'
'
& ' 3
(
'
'
'
'
'
0
0
0
0
0
0
01 1 3


Similar Part No. - AT90-1283_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1283-TB MACOM-AT90-1283-TB Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
AT90-1283-TB MA-COM-AT90-1283-TB Datasheet
163Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
AT90-1283TR MACOM-AT90-1283TR Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
AT90-1283TR MA-COM-AT90-1283TR Datasheet
163Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
More results

Similar Description - AT90-1283_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATCC0014 MACOM-MAATCC0014 Datasheet
282Kb / 6P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-0283 MACOM-AT90-0283_1 Datasheet
234Kb / 5P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT65-0283 MACOM-AT65-0283_1 Datasheet
235Kb / 3P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-283-PIN MACOM-AT-283-PIN Datasheet
192Kb / 4P
   Digital Attenuator, 15.5dB,5-Bit,TTL Driver, DC-2.0 GHz
AT65-0413 MACOM-AT65-0413_1 Datasheet
321Kb / 3P
   Digital Attenuator 15.5dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-0283 MACOM-AT90-0283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MACOM-AT90-1283 Datasheet
266Kb / 5P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
M/A-COM Technology Solu...
MAAD-007081-000100 MA-COM-MAAD-007081-000100 Datasheet
164Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT90-1283 MA-COM-AT90-1283 Datasheet
163Kb / 6P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
logo
Tyco Electronics
MAAD-007081-000100 MACOM-MAAD-007081-000100 Datasheet
293Kb / 7P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-3.5 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com