Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1200 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1200
Description  Power Factor Controllers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1200 Datasheet HTML 1Page - ON Semiconductor NCP1200 Datasheet HTML 2Page - ON Semiconductor NCP1200 Datasheet HTML 3Page - ON Semiconductor NCP1200 Datasheet HTML 4Page - ON Semiconductor NCP1200 Datasheet HTML 5Page - ON Semiconductor NCP1200 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
No
Yes
Variable
toff
Resonant
Quasi-
Resonant
EMI
Troubling?
Need higher
efficiency?
Operating
Mode
No
Yes
Do you
need low
Standby
power?
Low End
High End
Please visit our website at www.onsemi.com for additional options.
What
features
do you
need?
No
Yes
Is Your Input
Power Above
25 W?
Key Features & Benefits
Page 5
ON Semiconductor
NCP1271
+
AC
Input
Output
Voltage
Latch
Input
EMI
Filter
skip/latch
FB
CS
Gnd
HV
VCC
Drv
Decoupling
Capacitors
Adjust
Skip
Level
Latch Protection
Compensation
Ramp
HV Pin Handles Up to
500 V Directly
Primary Current Limitation
Current-Mode Operation
HV Pin
Protection
Fixed Frequency Controllers
Low Cost and Low Power Consumption. . .
Fixed frequency controllers from ON Semiconductor are the perfect solution for many applications. DVD
players, set-top boxes, notebook power adapters, printers, scanners, LCD monitors, and a wealth of other end
products use our controllers. Extremely low standby power helps you easily meet applicable regulations. The
Dynamic Self-Supply (DSS) feature of our devices saves cost by avoiding the use of an auxiliary transformer
winding, and current-mode topologies give tighter control of output voltage. Our fixed frequency controllers
can help you meet your toughest design challenges while still keeping cost to a minimum.
~
Dynamic Self Supply (DSS) capability
i
No auxiliary transformer winding
~
Current-mode control with adjustable skip-cycle and Soft-
Skip™capability
i
Provides excellent efficiency at light loads
i
No acoustic noise generation
~
Fixed frequencies up to 200 kHz
i
Offers suitable solution for all applications
~
High-voltage start-up-current source
i
Clean loss less start-up sequence
~
Frequency jittering
i
Reduces EMI signature
~
Go-to-standby for PFC front stage
i
Minimizes standby losses
~
Internal short–circuit protection independent of auxiliary voltage
i
Reliable short-circuit protection, immediately reducing the
output power
~
Under-voltage lockout at 7.6 V typical
i
Suitable for applications already using UC3843
NCP1271 Typical Schematic for Fixed Frequency Controller with Soft-Skip™
FIXED
FREQUENCY
CONTROLLERS
Device
Max
Output
Power
(W)
Mode
Standby
Power
Method
Output
Gate Drive
(mA) @
VCC = 11V
Frequency
Options
(kHz)
Package(s)
NCP1200
150/401 Current
Adj Skip
250
40,60,100
4
4
EXT
4
SO-8, PDIP-8
NCP1201
150
Current
Adj Skip
250
60,100
4
4
4
EXT
4
4
SO-8, PDIP-8
NCP1203
150
Current
Adj Skip
250
40,60,100
4
4
EXT
4
SO-8, PDIP-8
NCP1216/A2
150/1001 Current
Adj Skip
500
65,100,133
4
4
4
4
43
INT
4
SO-8, PDIP-7
NCP1217/A2
150
Current
Adj Skip
500
65,100,133
4
4
4
4
43
INT
4
SO-7, PDIP-7
NCP1212
150
Current
Adj Skip
500
Adj Up to 150
4
EXT
4
SO-8, PDIP-8
NCP1230
150
Current
Adj Skip
500
65,100,133
4
4
4
4
4
INT
SO-8, PDIP-8
NCP1271
150
Current
Adj Skip w/ TLD5
500
65,100
4
4
4
INT
4
4
SO-7
NCP1282/1562*
400
Voltage
Skip Cycle
200
Adj Up to 1000
4
*
4
4
4
4
EXT
4
SO-16
1. Maximum power output with DSS 2. “A” Versions Have a 50% Max Duty Cycle for Forward Topologies 3. Only Available on “A” Versions 4. Overvoltage Protection 5. Transient Load Detection * NCP1562 has 100 V startup FET
NCP1271
Demo Board


Similar Part No. - NCP1200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200 Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200 ONSEMI-NCP1200 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1200A/D ONSEMI-NCP1200A/D Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
More results

Similar Description - NCP1200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
   POWER FACTOR CONTROLLERS
1996 REV 1
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com