Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP225 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PHP225
Description  Dual P-channel enhancement mode MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP225 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PHP225 Datasheet HTML 4Page - NXP Semiconductors PHP225 Datasheet HTML 5Page - NXP Semiconductors PHP225 Datasheet HTML 6Page - NXP Semiconductors PHP225 Datasheet HTML 7Page - NXP Semiconductors PHP225 Datasheet HTML 8Page - NXP Semiconductors PHP225 Datasheet HTML 9Page - NXP Semiconductors PHP225 Datasheet HTML 10Page - NXP Semiconductors PHP225 Datasheet HTML 11Page - NXP Semiconductors PHP225 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Jun 20
8
Philips Semiconductors
Product specification
Dual P-channel enhancement
mode MOS transistor
PHP225
Fig.12 Transient thermal resistance from junction to soldering point as a function of pulse time; typical values.
1
10
10
t p (s)
1
MBE153
(K/W)
R th j-s
1
10
5
10
6
10
3
10
4
10
2
10
1
10
t p
T
P
t
t p
T
δ =
δ =
0.75
0.5
0.1
0
0.05
0.33
0.01
0.02
0.2
2


Similar Part No. - PHP225

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP225 NXP-PHP225 Datasheet
181Kb / 11P
   Dual P-channel intermediate level FET
Rev. 03-4 January 2011
logo
VBsemi Electronics Co.,...
PHP225 VBSEMI-PHP225 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PHP225 NEXPERIA-PHP225 Datasheet
778Kb / 12P
   Nexperia B.V. All rights reserved [NEXPERIA]^1325
Rev. 04 - 17 March 2011
logo
NXP Semiconductors
PHP225NQ04T PHILIPS-PHP225NQ04T Datasheet
93Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-12 May 2004
PHP225 NXP-PHP225_11 Datasheet
181Kb / 11P
   Dual P-channel intermediate level FET
Rev. 03-4 January 2011
More results

Similar Description - PHP225

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP212 PHILIPS-PHP212 Datasheet
111Kb / 12P
   Dual P-channel enhancement mode MOS transistor
1997 Jun 18
PHP212L PHILIPS-PHP212L Datasheet
62Kb / 8P
   Dual P-channel enhancement mode MOS transistor
1997 Jun 20
PHP206 PHILIPS-PHP206 Datasheet
54Kb / 8P
   Dual P-channel enhancement mode MOS transistor
1998 Feb 05
PHP222 PHILIPS-PHP222 Datasheet
54Kb / 8P
   Dual P-channel enhancement mode MOS transistor
1998 Apr 01
PHP109 PHILIPS-PHP109 Datasheet
101Kb / 12P
   P-channel enhancement mode MOS transistor
1997 Jun 18
logo
Nexperia B.V. All right...
BSH202 NEXPERIA-BSH202 Datasheet
229Kb / 8P
   P-channel enhancement mode MOS transistor
August 1998
logo
NXP Semiconductors
PHP1035 PHILIPS-PHP1035 Datasheet
51Kb / 8P
   P-channel enhancement mode MOS transistor
1998 Feb 18
PHP125 PHILIPS-PHP125 Datasheet
105Kb / 12P
   P-channel enhancement mode MOS transistor
1997 Jun 18
BSH201 PHILIPS-BSH201 Datasheet
150Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH206 PHILIPS-BSH206 Datasheet
144Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com