Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7121MFU50 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MAC7121MFU50
Description  Microcontroller Family Hardware Specifications
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7121MFU50 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MAC7121MFU50 Datasheet HTML 1Page - Freescale Semiconductor, Inc MAC7121MFU50 Datasheet HTML 2Page - Freescale Semiconductor, Inc MAC7121MFU50 Datasheet HTML 3Page - Freescale Semiconductor, Inc MAC7121MFU50 Datasheet HTML 4Page - Freescale Semiconductor, Inc MAC7121MFU50 Datasheet HTML 5Page - Freescale Semiconductor, Inc MAC7121MFU50 Datasheet HTML 6Page - Freescale Semiconductor, Inc MAC7121MFU50 Datasheet HTML 7Page - Freescale Semiconductor, Inc MAC7121MFU50 Datasheet HTML 8Page - Freescale Semiconductor, Inc MAC7121MFU50 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
OrderingInformation
MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2
Preliminary
Freescale Semiconductor
3
Table 2. MAC7100 Family Device Derivatives
Module Options
Program Flash
512 KBytes
256 KBytes
1 MByte
Data Flash
32 KBytes
SRAM
32 KBytes
16 KBytes
48 KBytes
External Bus
Yes
Yes
—————
Yes
Yes
ATD Modules 1
NOTES:
1. 16 channels, 8/10-bit, per module.
A
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
B
Yes
——
Yes
————
Yes
Yes
CAN Modules
A
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
B
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
D
Yes
Yes
Yes
Yes
————
Yes
Yes
Yes
Yes
eSCI Modules
A
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
B
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
D
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
DSPI Modules
A
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes 2
2. Four additional chip selects available.
BYes
Yes
Yes 3
3. PB11 / PCS2_B not available on non-L49P-mask devices; PB10 / PCS5_B / PCSS_B not available on mask L47W devices.
Yes
Yes
Yes
Yes 3
Yes
Yes
Yes
Yes 3
Yes 2
I2C Module
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
eMIOS Module
16 channels, 16-bit
Timer Module
10 channels, 24-bit
A
10
16
10
16
41610
4
10
161016
B
16
16
15
16
16
16
15
16
16
16
15
16
C
1216
116
16
1
12
16
1
16
D
10 4
4. Reduce these values by one for mask set L49P devices (PD2 is not available for general-purpose use).
16 4
11 4
16 4
10 4
16
11
10
10
16
11
16
E
16
16
16
1616161616
16
161616
F
16
16
16
16
16
16
16
16
16
16
16
16
G
16
16
16
1610161610
16
161616
H
16
16
16
16
I
————
——————
16
Total (max.)
112 4
112 4
85 4
128 4
72 4
112
85
72
112
112
85
144
Package
144
LQFP
144
LQFP
112
LQFP
208
BGA
100
LQFP
144
LQFP
112
LQFP
100
LQFP
144
LQFP
144
LQFP
112
LQFP
208
BGA


Similar Part No. - MAC7121MFU50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC7121MFU MOTOROLA-MAC7121MFU Datasheet
1Mb / 48P
   MAC7100 Microcontroller Family Hardware Specifications
More results

Similar Description - MAC7121MFU50

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC7100 MOTOROLA-MAC7100 Datasheet
1Mb / 48P
   MAC7100 Microcontroller Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8260AEC MOTOROLA-MPC8260AEC Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com