Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007228-0001TR Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAD-007228-0001TR
Description  Digital Attenuator, 15dB, 4-Bit, TTL Driver, DC - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAD-007228-0001TR Datasheet(HTML) 3 Page - Tyco Electronics

  MAAD-007228-0001TR Datasheet HTML 1Page - Tyco Electronics MAAD-007228-0001TR Datasheet HTML 2Page - Tyco Electronics MAAD-007228-0001TR Datasheet HTML 3Page - Tyco Electronics MAAD-007228-0001TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Digital Attenuator
30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
AT-233-PIN
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
3
RoHS
Compliant
Recommended PCB Configuration
Absolute Maximum Ratings
4,5
Parameter
Absolute Maximum
Max Input Power
0.5 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Supply Voltages
VCC
VEE
+5.5V
-8.5V
Control Voltage
6
-0.5V to VCC + 0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
4.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
5.
M/A-COM does not recommend sustained operation near
these survivability limits.
6.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table (Digital Attenuator)
C4
C3
C2
C1
Attenuation
0
0
0
0
Reference
0
0
0
1
2 dB
0
0
1
0
4 dB
0
1
0
0
8 dB
1
0
0
0
16 dB
1
1
1
1
30 dB
Control Inputs
0 = TTL Low; 1 = TTL High
VSWR vs. Frequency
Typical Performance Curves
Ref. Insertion Loss vs. Frequency
0.0
1.0
2.0
3.0
4.0
5.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
+ 8 5 °C
+ 2 5 °C
- 5 5 °C
1.00
1.20
1.40
1.60
1.80
2.00
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
2 d B
4 d B
8 d B
16 d B
Re f Lo ss S ta te


Similar Part No. - MAAD-007228-0001TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007228-0001TR MA-COM-MAAD-007228-0001TR Datasheet
122Kb / 4P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
More results

Similar Description - MAAD-007228-0001TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0413 MACOM-AT90-0413_1 Datasheet
242Kb / 5P
   Digital Attenuator 15dB, 4-Bit, TTL Driver, DC-4.0 GHz
AT65-0213 MACOM-AT65-0213_1 Datasheet
123Kb / 2P
   Digital Attenuator 15dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-1413 MACOM-AT90-1413_1 Datasheet
261Kb / 5P
   Digital Attenuator, 15dB, 4-Bit, TTL Driver DC - 4.0 GHz
AT-210 MACOM-AT-210_1 Datasheet
110Kb / 3P
   Digital Attenuator, 15dB, 4-Bit DC - 2.0 GHz
AT-267 MACOM-AT-267_1 Datasheet
219Kb / 3P
   Digital Attenuator, 1-Bit, 15dB, DC-2.0 GHz
AT-232-PIN MACOM-AT-232-PIN Datasheet
160Kb / 4P
   Digital Attenuator, 30.0dB, 4-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-232-PIN MA-COM-AT-232-PIN Datasheet
77Kb / 4P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
AT-233-PIN MA-COM-AT-233-PIN Datasheet
122Kb / 4P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
MAADSS0009 MACOM-MAADSS0009 Datasheet
170Kb / 3P
   Digital Attenuator 30 dB, 4-Bit, TTL Driver, DC-2.0 GHz
AT65-0106 MACOM-AT65-0106_1 Datasheet
424Kb / 4P
   Digital Attenuator 50dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com