Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-259 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-259
Description  Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-259 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-259_1 Datasheet HTML 1Page - Tyco Electronics AT-259_1 Datasheet HTML 2Page - Tyco Electronics AT-259_1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Voltage Variable Absorptive Attenuator
12 dB, DC-2.0 GHz
AT-259
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
SOT-143
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions2
Frequency
Units
Min
Typ
Max
Insertion Loss
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
dB
2.9
3.0
3.2
3.4
3.1
3.2
3.5
3.8
Flatness
(Peak to Peak)
5 dB Attenuation
10 dB Attenuation
15 dB Attenuation
DC - 2.0 GHz
DC - 2.0 GHz
DC - 2.0 GHz
dB
dB
dB
+ 0.2
+ 2.3
+ 7.0
+ 0.4
+ 2.5
+ 7.5
Output Impedance
Ohms
50
VSWR
Ratio
2.1:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
3
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
nS
5
Transients
In Band
mV
10
Power Handling
Linear Operation
Absolute maximum Input Power
dBm
dBm
13
21
IP2
Measured Relative to Input Power
(For two-tone Input Power Up to +5 dBm)
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
34
47
IP3
Measured Relative to Input Power
(For two-tone Input Power Up to +5 dBm)
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
18
18.5
313
363
2. Control voltage: 0 to -4 volts @ 20 µA typical.
3. For levels above 6 dB attenuation. For levels below 6 dB, the minimum specification numbers apply.


Similar Part No. - AT-259_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-259PIN MACOM-AT-259PIN Datasheet
112Kb / 2P
   Voltage Variable Absorptive Attenuator DC - 2 GHz
AT-259RTR MACOM-AT-259RTR Datasheet
112Kb / 2P
   Voltage Variable Absorptive Attenuator DC - 2 GHz
logo
M/A-COM Technology Solu...
AT-259SMB MA-COM-AT-259SMB Datasheet
71Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT-259TR MACOM-AT-259TR Datasheet
112Kb / 2P
   Voltage Variable Absorptive Attenuator DC - 2 GHz
logo
M/A-COM Technology Solu...
AT-259TR MA-COM-AT-259TR Datasheet
71Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
More results

Similar Description - AT-259_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT-250 MACOM-AT-250_1 Datasheet
162Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-259 MA-COM-AT-259 Datasheet
71Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
MAAV-007941 MA-COM-MAAV-007941 Datasheet
70Kb / 3P
   Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
AT-635 MA-COM-AT-635 Datasheet
99Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
MAAVSS0004 MA-COM-MAAVSS0004 Datasheet
70Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
logo
Tyco Electronics
MAAVSS0004 MACOM-MAAVSS0004 Datasheet
88Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC - 2.0 GHz
AT-635 MACOM-AT-635_1 Datasheet
162Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, DC-2.0 GHz
MAAVSS0005 MACOM-MAAVSS0005 Datasheet
180Kb / 3P
   Voltage Variable Absorptive Attenuator DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator DC - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com