Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP27NQ10T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHP27NQ10T
Description  N-channel TrenchMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP27NQ10T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PHP27NQ10T Datasheet HTML 2Page - NXP Semiconductors PHP27NQ10T Datasheet HTML 3Page - NXP Semiconductors PHP27NQ10T Datasheet HTML 4Page - NXP Semiconductors PHP27NQ10T Datasheet HTML 5Page - NXP Semiconductors PHP27NQ10T Datasheet HTML 6Page - NXP Semiconductors PHP27NQ10T Datasheet HTML 7Page - NXP Semiconductors PHP27NQ10T Datasheet HTML 8Page - NXP Semiconductors PHP27NQ10T Datasheet HTML 9Page - NXP Semiconductors PHP27NQ10T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHP27NQ10T, PHB27NQ10T
PHD27NQ10T
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG)
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.15. Maximum permissible non-repetitive
avalanche current (I
AS) versus avalanche time (tAV);
unclamped inductive load
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
5
10
15
20
25
30
35
Gate charge, QG (nC)
Gate-source voltage, VGS (V)
ID = 27A
Tj = 25 C
VDD = 20 V
VDD = 80 V
0.1
1
10
100
0.001
0.01
0.1
1
10
Avalanche time, tAV (ms)
Maximum Avalanche Current, IAS (A)
Tj prior to avalanche = 150 C
25 C
0
5
10
15
20
25
30
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5
Source-Drain Voltage, VSDS (V)
Source-Drain Diode Current, IF (A)
Tj = 25 C
175 C
VGS = 0 V
August 1999
6
Rev 1.000


Similar Part No. - PHP27NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP27NQ11T PHILIPS-PHP27NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 01-17 May 2004
PHP27NQ11T NXP-PHP27NQ11T Datasheet
222Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-4 March 2010
logo
Nexperia B.V. All right...
PHP27NQ11T NEXPERIA-PHP27NQ11T Datasheet
774Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 4 March 2010
More results

Similar Description - PHP27NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com