Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2996 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2996
Description  MOSFET N-Channel, Enhancement Mode High Speed Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2996 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2996 Datasheet HTML 1Page - NTE Electronics NTE2996 Datasheet HTML 2Page - NTE Electronics NTE2996 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (TJ = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain−Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250µA
60
V
Breakdown Voltage Temperature
Coefficient
∆V(BR)DSS/
∆TJ
Reference to +25
°C, ID = 1mA
0.064
V/
°C
Static Drain−Source ON Resistance
RDS(on)
VGS = 10V, ID = 50A, Note 5
12
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
2.0
4.0
V
Forward Transconductance
gfs
VDS = 25V, ID = 50A, Note 5
69
mhos
Drain−to−Source Leakage Current
IDSS
VDS = 60V, VGS = 0
25
µA
VDS = 48V, VGS = 0V, TC = +150°C
250
µA
Gate−Source Leakage, Forward
IGSS
VGS = 20V
100
nA
Gate−Source Leakage, Reverse
VGS = −20V
−100
nA
Total Gate Charge
Qg
VGS = 10V, ID = 50A, VDS = 48V
130
nC
Gate−Source Charge
Qgs
28
nC
Gate−Drain (“Miller”) Charge
Qgd
44
nC
Turn−On Delay Time
td(on)
VDD = 30V, ID = 50A, RG = 3.6Ω,
V
10V Note 5
12
ns
Rise Time
tr
,
VGS = 10V, Note 5
78
ns
Turn−Off Delay Time
td(off)
48
ns
Fall Time
tf
53
ns
Internal Drain Inductance
LD
Between lead, 6mm (0.25”) from
package and center of die contact
4.5
nH
Internal Source Inductance
LS
package and center of die contact
7.5
nH
Input Capacitance
Ciss
VGS = 0V, VDS = 25V, f = 1MHz
3210
pF
Output Capacitance
Coss
690
pF
Reverse Transfer Capacitance
Crss
140
pF
Source−Drain Diode Ratings and Characteristics
Continuous Source Current
IS
(Body Diode) Note 6
84
A
Pulse Source Current
ISM
(Body Diode) Note 2
330
A
Diode Forward Voltage
VSD
TJ = +25°C, IS = 50A, VGS = 0V, Note 5
1.3
V
Reverse Recovery Time
trr
TJ = +25°C, IF = 50A, di/dt = 100A/µs,
Note 5
73
110
ns
Reverse Recovery Charge
Qrr
Note 5
220
330
µC
Forward Turn−On Time
ton
Intrinsic turn−on time is neglegible
(turn−on is dominated by LS + LD)
Note 2. Repetitive Rating: Pulse width limited by maximum junction temperature.
Note 5. Pulse Width
≤ 400µs, Duty Cycle ≤ 2%.
Note 6. Calculated continuous current based on maximum allowable junction temperature. Package
limitation current is 75A.


Similar Part No. - NTE2996

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE299 NTE-NTE299 Datasheet
18Kb / 1P
   Silicon NPN Transistor RF Power Amp, Driver
NTE2991 NTE-NTE2991 Datasheet
34Kb / 3P
   MOSFET N−Channel, Enhancement Mode High Speed Switch
NTE2992 NTE-NTE2992 Datasheet
29Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2993 NTE-NTE2993 Datasheet
71Kb / 3P
   MOSFET N−Channel, Enhancement Mode High Speed Switch
NTE2999 NTE-NTE2999 Datasheet
92Kb / 2P
   MOSFET N−Channel, Enhancement Mode High Speed Switch
More results

Similar Description - NTE2996

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2973 NTE-NTE2973 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2988 NTE-NTE2988 Datasheet
24Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2930 NTE-NTE2930 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2942 NTE-NTE2942 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2944 NTE-NTE2944 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2966 NTE-NTE2966 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2394 NTE-NTE2394 Datasheet
28Kb / 3P
   MOSFET N-Channel Enhancement Mode, High Speed Switch
NTE2931 NTE-NTE2931 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2933 NTE-NTE2933 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2936 NTE-NTE2936 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2943 NTE-NTE2943 Datasheet
26Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com