Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAD-007229-0001TB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAD-007229-0001TB
Description  Digital Attenuator, 15.5dB,5-Bit,TTL Driver, DC-2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAD-007229-0001TB Datasheet(HTML) 3 Page - Tyco Electronics

  MAAD-007229-0001TB Datasheet HTML 1Page - Tyco Electronics MAAD-007229-0001TB Datasheet HTML 2Page - Tyco Electronics MAAD-007229-0001TB Datasheet HTML 3Page - Tyco Electronics MAAD-007229-0001TB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Digital Attenuator
15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-283-PIN
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
3
RoHS
Compliant
Recommended PCB Configuration
Absolute Maximum Ratings
4,5
Parameter
Absolute Maximum
Maximum Input Power
0.05 GHz
0.5-2.0 GHz
+27 dBm
+34 dBm
Supply Voltages
VCC
VEE
+5.5V
-8.5V
Control Voltage
6
-0.5V to VCC + 0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
4.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
5.
M/A-COM does not recommend sustained operation near
these survivability limits.
6.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table (Digital Attenuator)
Control Inputs
C1
C2
C3
C4
C5
Attenuation
0
0
0
0
0
Reference
1
0
0
0
0
0.5 dB
0
1
0
0
0
1 dB
0
0
1
0
0
2 dB
0
0
0
1
0
4 dB
0
0
0
0
1
8 dB
1
1
1
1
1
15.5 dB
Attenuation Accuracy vs. Frequency 0.5, 1, 2 dB Bits
Typical Performance Curves
Reference Insertion Loss vs. Frequency @ Temperature
0.0
1.0
2.0
3.0
4.0
5.0
0
500
1000
1500
2000
Frequency (MHz)
+ 2 5 °C
- 5 5 °C
+ 8 5 °C
- 0.5
- 0.3
0.0
0.3
0.5
0
500
1000
1500
2000
Frequency (MHz)
0 = TTL Low; 1 = TTL High


Similar Part No. - MAAD-007229-0001TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007229-0001TB MA-COM-MAAD-007229-0001TB Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results

Similar Description - MAAD-007229-0001TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283_1 Datasheet
235Kb / 3P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAATCC0014 MACOM-MAATCC0014 Datasheet
282Kb / 6P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT-280 MACOM-AT-280_1 Datasheet
184Kb / 3P
   Digital Attenuator, 15.5dB,5-Bit,DC-2.0 GHz
AT90-1283 MACOM-AT90-1283_1 Datasheet
222Kb / 4P
   Digital Attenuator, 15.5dB, 5-Bit, TTL Driver DC - 3.5 GHz
AT90-0283 MACOM-AT90-0283_1 Datasheet
234Kb / 5P
   Digital Attenuator 15.5dB, 5-Bit, TTL Driver, DC-3.5 GHz
AT65-0413 MACOM-AT65-0413_1 Datasheet
321Kb / 3P
   Digital Attenuator 15.5dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT65-0263 MACOM-AT65-0263_1 Datasheet
440Kb / 4P
   Digital Attenuator 31dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT20-0263 MACOM-AT20-0263_1 Datasheet
164Kb / 4P
   Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com