Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP52-005 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DP52-005
Description  Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DP52-005 Datasheet(HTML) 2 Page - Tyco Electronics

  DP52-005 Datasheet HTML 1Page - Tyco Electronics DP52-005 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
! "#
#
$ % &'
"
(
! "# )
#
$ % &*
"
(
%
/
0
/ 1
2
3 /
8(
,
%+ ,
'
(
(
. /
8(
,
, 0
#
! 0
) #
&
9$
: ! $
*
#
!$ 1
/!
!
$
%
+
4
2
%
! -
)!#$ (
4 54
+#
!/
#
$
,
;5
<
;5
%
/
#
$
,
;5
<
;5
2
%
! -
5
/
&
=
!/ "
*
$
#
! !
/
5
0 0 +6 +
/


Similar Part No. - DP52-005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP52-0002 MACOM-DP52-0002 Datasheet
142Kb / 2P
   Low Cost SMT Dual Band Diplexer
logo
M/A-COM Technology Solu...
DP52-0002 MA-COM-DP52-0002 Datasheet
82Kb / 4P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
Tyco Electronics
DP52-0002-TR MACOM-DP52-0002-TR Datasheet
142Kb / 2P
   Low Cost SMT Dual Band Diplexer
DP52-0002-TR MACOM-DP52-0002-TR Datasheet
264Kb / 2P
   Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
logo
M/A-COM Technology Solu...
DP52-0002-TR MA-COM-DP52-0002-TR Datasheet
82Kb / 4P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
More results

Similar Description - DP52-005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP52-0002 MACOM-DP52-0002_1 Datasheet
264Kb / 2P
   Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
logo
M/A-COM Technology Solu...
MAFLCC0003 MA-COM-MAFLCC0003 Datasheet
80Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
DP52-0005 MA-COM-DP52-0005 Datasheet
80Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
Tyco Electronics
MAFLCC0001 MACOM-MAFLCC0001 Datasheet
288Kb / 4P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
MAFLCC0003 MACOM-MAFLCC0003 Datasheet
209Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
M/A-COM Technology Solu...
MAFLCC0001 MA-COM-MAFLCC0001 Datasheet
82Kb / 4P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
DP52-0002 MA-COM-DP52-0002 Datasheet
82Kb / 4P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
Pasternack Enterprises,...
PE51014 PASTERNACK-PE51014 Datasheet
46Kb / 1P
   Dual Band Antenna, 824 - 896 MHz / 1850 . 1990 MHz
logo
Tyco Electronics
CH20-0032-17G MACOM-CH20-0032-17G Datasheet
103Kb / 2P
   Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
MACPCC0002 MACOM-MACPCC0002 Datasheet
307Kb / 4P
   Low Cost SMT 17dB Bi-Directional Coupler 824-960 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com