Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM-2100TR Datasheet(PDF) 2 Page - Tyco Electronics

Part # EFM-2100TR
Description  E-Series Surface Mount Mixer 2110-2170MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

EFM-2100TR Datasheet(HTML) 2 Page - Tyco Electronics

  EFM-2100TR Datasheet HTML 1Page - Tyco Electronics EFM-2100TR Datasheet HTML 2Page - Tyco Electronics EFM-2100TR Datasheet HTML 3Page - Tyco Electronics EFM-2100TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E-Series Surface Mount Mixer
2110 – 2170 MHz
EFM-2100
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Pin Configuration
Pin No.
Function
1
Ground
8
Ground
2
RF
9
LO
3
Ground
10
Ground
4
Ground
11
Ground
5
Ground
12
Ground
6
Ground
13
Bias
7
Ground
14
IF
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Max RF Power
200 mW
Peak IF Current
40 mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
ESD Rating
Zero
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
IF VSWR
100 - 500
1.8
Input IP3
Up Converting
dBm
30.0
34.0
Input 1dB Compression
1850 - 1980
dBm
22.0
Input IP3
Down Converting
dBm
30.0
34.0
Schematic


Similar Part No. - EFM-2100TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM-236KL ETC2-EFM-236KL Datasheet
171Kb / 1P
   Piezo Buzzer
EFM-236L ETC2-EFM-236L Datasheet
171Kb / 1P
   Piezo Buzzer
EFM-236ML ETC2-EFM-236ML Datasheet
171Kb / 1P
   Piezo Buzzer
EFM-250 ETC2-EFM-250 Datasheet
167Kb / 1P
   Piezo Buzzer
logo
Ningbo Foryard Optoelec...
EFM-250D FORYARD-EFM-250D Datasheet
45Kb / 1P
   Piezo Buzzer
More results

Similar Description - EFM-2100TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXES0050 MACOM-MAMXES0050 Datasheet
133Kb / 2P
   E-Series Surface Mount Mixer 2110 - 2170 MHz
logo
Molex Electronics Ltd.
735912087 MOLEX-735912087 Datasheet
304Kb / 1P
   SMSJ ISOLATOR/2110~2170MHZ/CW
2022/03/01
logo
M/A-COM Technology Solu...
MAMX-007253-ES0067 MA-COM-MAMX-007253-ES0067_15 Datasheet
147Kb / 2P
   E-Series Surface Mount Mixer
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP_15 Datasheet
156Kb / 2P
   E-Series Surface Mount Mixer
logo
Molex Electronics Ltd.
735912088 MOLEX-735912088 Datasheet
304Kb / 1P
   SMSJ ISOLATOR/2110~2170MHZ/CCW
2022/03/01
logo
M/A-COM Technology Solu...
MAMXES0117 MA-COM-MAMXES0117_15 Datasheet
165Kb / 4P
   E-Series Surface Mount Mixer
MAMX-007674-LCM1MH MA-COM-MAMX-007674-LCM1MH_15 Datasheet
137Kb / 2P
   E-Series Surface Mount Mixer
MAMX-007238-CM25MH_V5 MA-COM-MAMX-007238-CM25MH_V5 Datasheet
75Kb / 4P
   E-Series Surface Mount Mixer
MAMX-008786-ES0120_V2 MA-COM-MAMX-008786-ES0120_V2 Datasheet
68Kb / 4P
   E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com