Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELCM-5TR Datasheet(PDF) 2 Page - Tyco Electronics

Part # ELCM-5TR
Description  E-Series Surface Mount Mixer 5-1500MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ELCM-5TR Datasheet(HTML) 2 Page - Tyco Electronics

  ELCM-5TR Datasheet HTML 1Page - Tyco Electronics ELCM-5TR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
E-Series Surface Mount Mixer
5 – 1500 MHz
ELCM-5
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
2
Pin Configuration
Pin No.
Function
1
LO
2
Ground
3
Ground
4
RF
5
IF
6
Ground
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
RF Power
150 mW
Peak IF Current
40 mA
Operating Temperature
-55°C to +100°C
Storage Temperature
-55°C to +125°C
Pin Temperature (10 seconds)
+260°C
Typical Performance Curves
LO - RF Isolation
Conversion Loss
LO - IF Isolation
-8
-7
-6
-5
-4
-3
-2
-1
0
0
300
600
900
1200
1500
Frequency (MHz)
-80
-60
-40
-20
0
0
300
600
900
1200
1500
Frequency (MHz)
-80
-60
-40
-20
0
0
300
600
900
1200
1500
Frequency (MHz)


Similar Part No. - ELCM-5TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELCM-5 MACOM-ELCM-5 Datasheet
203Kb / 2P
   E-Series Surface Mount Mixer 5 - 1500 MHz
logo
M/A-COM Technology Solu...
ELCM-5 MA-COM-ELCM-5 Datasheet
157Kb / 2P
   E-Series Surface Mount Mixer 5 - 1500 MHz
More results

Similar Description - ELCM-5TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ELCM-2 MACOM-ELCM-2_1 Datasheet
129Kb / 2P
   E-Series Surface Mount Mixer 5-1000MHz
EMRS-2 MACOM-EMRS-2 Datasheet
32Kb / 1P
   E-Series Surface Mount Mixer 5-1000MHz
ELCM-11X MACOM-ELCM-11X_1 Datasheet
130Kb / 2P
   E-Series Surface Mount Mixer 5-1900MHz
logo
M/A-COM Technology Solu...
MAMX-007247-MRS5MH MA-COM-MAMX-007247-MRS5MH Datasheet
45Kb / 2P
   E-Series Surface Mount Mixer 5 - 1500 MHz
logo
Tyco Electronics
MAMXES0001 MACOM-MAMXES0001 Datasheet
124Kb / 2P
   E-Series Surface Mount Mixer 5 - 1900 MHz
ELCM-11X MACOM-ELCM-11X Datasheet
219Kb / 2P
   E-Series Surface Mount Mixer 5-1900 MHz
ELCM-2LH MACOM-ELCM-2LH Datasheet
122Kb / 2P
   E-Series Surface Mount Mixer 5 - 1000 MHz
ELCM-25MH MACOM-ELCM-25MH Datasheet
70Kb / 3P
   E-Series Surface Mount Mixer 5-2500 MHz
MAMX-007238-CM25MH MACOM-MAMX-007238-CM25MH Datasheet
48Kb / 2P
   E-Series Surface Mount Mixer 5 - 2500 MHz
logo
M/A-COM Technology Solu...
MAMX-007238-CM25MH MA-COM-MAMX-007238-CM25MH Datasheet
75Kb / 3P
   E-Series Surface Mount Mixer 5-2500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com