Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP34NQ10T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PHP34NQ10T
Description  N-channel TrenchMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP34NQ10T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PHP34NQ10T Datasheet HTML 4Page - NXP Semiconductors PHP34NQ10T Datasheet HTML 5Page - NXP Semiconductors PHP34NQ10T Datasheet HTML 6Page - NXP Semiconductors PHP34NQ10T Datasheet HTML 7Page - NXP Semiconductors PHP34NQ10T Datasheet HTML 8Page - NXP Semiconductors PHP34NQ10T Datasheet HTML 9Page - NXP Semiconductors PHP34NQ10T Datasheet HTML 10Page - NXP Semiconductors PHP34NQ10T Datasheet HTML 11Page - NXP Semiconductors PHP34NQ10T Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHP34NQ10T, PHB34NQ10T
PHD34NQ10T
MECHANICAL DATA
Fig.17. SOT404 surface mounting package. Centre pin connected to mounting base.
Notes
1. This product is supplied in anti-static packaging. The gate-source input must be protected against static
discharge during transport or handling.
2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18.
3. Epoxy meets UL94 V0 at 1/8".
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
A1
D1
D
max.
E
eLp
HD
Q
c
2.54
2.60
2.20
15.40
14.80
2.90
2.10
11
1.60
1.20
10.30
9.70
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
b
DIMENSIONS (mm are the original dimensions)
SOT404
0
2.5
5 mm
scale
Plastic single-ended surface mounted package (Philips version of D2-PAK); 3 leads
(one lead cropped)
SOT404
e
e
E
b
D1
HD
D
Q
Lp
c
A1
A
13
2
mounting
base
98-12-14
99-06-25
August 1999
8
Rev 1.000


Similar Part No. - PHP34NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
logo
VBsemi Electronics Co.,...
PHP34NQ11T VBSEMI-PHP34NQ11T Datasheet
949Kb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PHP34NQ11T NEXPERIA-PHP34NQ11T Datasheet
334Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 02 - 9 March 2010
More results

Similar Description - PHP34NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com