Electronic Components Datasheet Search |
|
MAC7132VVF50 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc |
|
MAC7132VVF50 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc |
5 / 56 page ElectricalCharacteristics MAC7100 Microcontroller Family Hardware Specifications, Rev. 1.2 Preliminary Freescale Semiconductor 5 3.3 ESD Protection and Latch-up Immunity All ESD testing is in conformity with CDF-AEC-Q100 Stress test qualification for Automotive Grade Integrated Circuits. During the device qualification ESD stresses were performed for the Human Body Model (HBM), the Machine Model (MM) and the Charge Device Model. A device is defined as a failure if after exposure to ESD pulses the device no longer meets the device specification. Complete DC parametric and functional testing is performed per the applicable device specification at room temperature followed by hot temperature, unless specified otherwise. A9 Voltage difference VDDA – VRH VDDA – VRH –0.3 +6.0 V A10 Digital I/O Input Voltage VIN –0.3 +6.0 V A11 XFC, EXTAL, XTAL inputs VILV –0.3 +3.0 V A12 TEST input VTEST –0.3 — 2 V Instantaneous Maximum Current 3 A13 Single pin limit for XFC, EXTAL, XTAL 4 I DL –25 +25 mA A14 Single pin limit for all digital I/O pins 5 I D –25 +25 mA A15 Single pin limit for all analog input pins 5 I DA –25 +25 mA A16 Single pin limit for TEST 2 I DT –0.25 0 mA A17 Storage Temperature Range T stg –65 +155 °C NOTES: 1. The device contains an internal voltage regulator to generate the logic and PLL supply from the I/O supply. The absolute maximum ratings apply when the device is powered from an external source. 2. This pin is clamped low to VSSX, but not clamped high, and must be tied low in applications. 3. Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, use the larger of the calculated values using VPOSCLAMP = VDDA + 0.3V and VNEGCLAMP = –0.3 V. 4. These pins are internally clamped to VSSPLL and VDDPLL. 5. All I/O pins are internally clamped to VSSX and VDDX, VSSR and VDDR or VSSA and VDDA. Table 5. ESD and Latch-up Test Conditions Model Description Symbol Value Unit Human Body Series Resistance R1 1500 Ohm Storage Capacitance C 100 pF Number of Pulses per pin positive negative —— 3 3 Machine Series Resistance R1 0 Ohm Storage Capacitance C 200 pF Number of Pulse per pin positive negative —— 3 3 Latch-up Minimum input voltage limit –2.5 V Maximum input voltage limit 7.5 V Table 4. Absolute Maximum Ratings (continued) Num Rating Symbol Min Max Unit |
Similar Part No. - MAC7132VVF50 |
|
Similar Description - MAC7132VVF50 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |