Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMZJ5.1 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # GMZJ5.1
Description  Micro MELF ZENER DIODE 2.5% 500mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

GMZJ5.1 Datasheet(HTML) 1 Page - Rectron Semiconductor

  GMZJ5.1 Datasheet HTML 1Page - Rectron Semiconductor GMZJ5.1 Datasheet HTML 2Page - Rectron Semiconductor GMZJ5.1 Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GMZJ
Series
TECHNICAL SPECIFICATION
Micro MELF ZENER DIODE 2.5% 500mW
RECTRON
SEMICONDUCTOR
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Power Dissipation at Tamb=25
Ptot
500*
mW
Junction Temperature
Tj
175
Storage Temperature Range
Ts
-65 to +175
Characteristic at Tamb=25
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance
_
_
K/mW
Junction to Ambient Air
Forward Voltage
_
_
V
at IF=100mA
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
0.3*
1
VF
RthA
Absolute Maximun Ratings (Ta=25oC)
Micro MELF
0.079(2.0)
0.071(1.8)
0.008(0.2)
0.049(1.25)
0.047(1.20)
Units in mm


Similar Part No. - GMZJ5.1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GMZJ5.1 PANJIT-GMZJ5.1 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - GMZJ5.1

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
   500mW Mini melf ZENER Diodes
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
   500mW Mini MELF Zener Diodes
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com