Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT1608SF4C Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APT1608SF4C
Description  1.6x0.8mm INFRARED EMITTING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APT1608SF4C Datasheet(HTML) 2 Page - Kingbright Corporation

  APT1608SF4C Datasheet HTML 1Page - Kingbright Corporation APT1608SF4C Datasheet HTML 2Page - Kingbright Corporation APT1608SF4C Datasheet HTML 3Page - Kingbright Corporation APT1608SF4C Datasheet HTML 4Page - Kingbright Corporation APT1608SF4C Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAH3783
REV NO: V.1
DATE: APR/29/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203001739
Selection Guide
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Radiant Intensity/ luminous flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Note:
1. Forward Voltage: +/-0.1V.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APT1608SF4C
SF4 (GaAIAs)
WATER CLEAR
0.4
1
120
°
Po (mW/sr) [2]
@ 20mA
Parameter
P/N
Symbol
Typ.
Max.
Units
Test Conditions
Forward Voltage [1]
SF4
VF
1.3
1.6
V
IF=20mA
Reverse Current
SF4
IR
10
uA
VR = 5V
Capacitance
SF4
C
90
pF
VF=0V;f=1MHz
Peak Spectral Wavelength
SF4
λP
880
nm
IF=20mA
Spectral Bandwidth
SF4
Δλ1/2
50
nm
IF=20mA
Parameter
Symbol
SF4
Units
Power dissipation
PT
80
mW
DC Forward Current
IF
50
mA
Peak Forward Current [1]
iFS
1.2
A
Reverse Voltage
VR
5
V
Operating Temperature
TA
-40 To +85
°
C
Storage Temperature
TSTG
-40 To +85
°
C


Similar Part No. - APT1608SF4C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT1608SF4C KINGBRIGHT-APT1608SF4C Datasheet
282Kb / 5P
   1.6x0.8mm INFRARED EMITTING DIODE
APT1608SF4C-P22 KINGBRIGHT-APT1608SF4C-P22 Datasheet
634Kb / 4P
   1.6 x 0.8 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
APT1608SF4C-P22 TO-GRACE-APT1608SF4C-P22 Datasheet
992Kb / 4P
   1.6 x 0.8 mm Infrared Emitting Diode
logo
Kingbright Corporation
APT1608SF4C-PRV KINGBRIGHT-APT1608SF4C-PRV Datasheet
228Kb / 5P
   Mechanically and spectrally matched to phototransistor
logo
HK TO-GRACE TECHNOLOGY ...
APT1608SF4C-PRV TO-GRACE-APT1608SF4C-PRV Datasheet
792Kb / 4P
   1.6 x 0.8 mm Infrared Emitting Diode
More results

Similar Description - APT1608SF4C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZTHI53W SUNLED-ZTHI53W Datasheet
195Kb / 4P
   1.6x0.8mm INFRARED EMITTING DIODE
ZTNI53W SUNLED-ZTNI53W Datasheet
195Kb / 4P
   1.6x0.8mm INFRARED EMITTING DIODE
logo
Kingbright Corporation
APT1608F3C KINGBRIGHT-APT1608F3C Datasheet
266Kb / 5P
   1.6x0.8mm INFRARED EMITTING DIODE
APT1608SF4C_0706 KINGBRIGHT-APT1608SF4C_0706 Datasheet
282Kb / 5P
   1.6x0.8mm INFRARED EMITTING DIODE
APT1608F3C_0706 KINGBRIGHT-APT1608F3C_0706 Datasheet
281Kb / 5P
   1.6x0.8mm INFRARED EMITTING DIODE
AP1608SF4C KINGBRIGHT-AP1608SF4C Datasheet
123Kb / 4P
   1.6x0.8mm INFRA-RED EMITTING DIODE
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
   infrared emitting diode
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
   Infrared-Emitting Diode
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
   INFRARED EMITTING DIODE
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
   INFRARED EMITTING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com