Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT1608SRCPRV Datasheet(PDF) 5 Page - Kingbright Corporation

Part # APT1608SRCPRV
Description  1.6X0.8mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APT1608SRCPRV Datasheet(HTML) 5 Page - Kingbright Corporation

  APT1608SRCPRV Datasheet HTML 1Page - Kingbright Corporation APT1608SRCPRV Datasheet HTML 2Page - Kingbright Corporation APT1608SRCPRV Datasheet HTML 3Page - Kingbright Corporation APT1608SRCPRV Datasheet HTML 4Page - Kingbright Corporation APT1608SRCPRV Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: DSAB3726
REV NO: V.8
DATE: MAR/25/2006
PAGE: 5 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: H.Q.YUAN
ERP: 1203005326
PACKING & LABEL SPECIFICATIONS
APT1608SRCPRV


Similar Part No. - APT1608SRCPRV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT1608SRCPRV KINGBRIGHT-APT1608SRCPRV Datasheet
214Kb / 1P
   SUPER THIN SMD CHIP LED 1608(0603)
APT1608SRCPRV KINGBRIGHT-APT1608SRCPRV Datasheet
205Kb / 5P
   1.6X0.8mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APT1608SRCPRV TO-GRACE-APT1608SRCPRV Datasheet
783Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APT1608SRCPRV KINGBRIGHT-APT1608SRCPRV_07 Datasheet
205Kb / 5P
   1.6X0.8mm SMD CHIP LED LAMP
More results

Similar Description - APT1608SRCPRV

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZUYT53W-3 SUNLED-ZUYT53W-3 Datasheet
199Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APT1608SEC KINGBRIGHT-APT1608SEC Datasheet
99Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
AP1608SEC KINGBRIGHT-AP1608SEC Datasheet
103Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
AP1608CGCK KINGBRIGHT-AP1608CGCK Datasheet
121Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
APH1608RWF KINGBRIGHT-APH1608RWF_07 Datasheet
293Kb / 7P
   1.6X0.8mm SMD CHIP LED LAMP
APHK1608PBC-Z KINGBRIGHT-APHK1608PBC-Z Datasheet
297Kb / 5P
   1.6x0.8mm SMD CHIP LED LAMP
APT1608MBC KINGBRIGHT-APT1608MBC_07 Datasheet
211Kb / 5P
   1.6X0.8mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2CR53W SUNLED-ZM2CR53W Datasheet
195Kb / 4P
   1.6x0.8mm SMD CHIP LED LAMP
ZMO53W-3 SUNLED-ZMO53W-3 Datasheet
191Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
ZURT53W-3 SUNLED-ZURT53W-3 Datasheet
192Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
ZUY53W SUNLED-ZUY53W Datasheet
192Kb / 4P
   1.6x0.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com