Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESMD-C50M Datasheet(PDF) 1 Page - Tyco Electronics

Part # ESMD-C50M
Description  E-Series Surface Mount Mixer 80 - 2500 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ESMD-C50M Datasheet(HTML) 1 Page - Tyco Electronics

  ESMD-C50M_1 Datasheet HTML 1Page - Tyco Electronics ESMD-C50M_1 Datasheet HTML 2Page - Tyco Electronics ESMD-C50M_1 Datasheet HTML 3Page - Tyco Electronics ESMD-C50M_1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E-Series Surface Mount Mixer
80 – 2500 MHz
ESMD-C50M
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
Features
• LO Power +13 dBm
• Up to +8 dBm RF
• Surface Mount
• Tape and reel packaging available
Description
M/A-COM’s ESMD-C50M is a Low Cost, Medium
Drive, Passive, Double Double Balanced Mixer.
Constructed using very broad band ferrite balun
transformers and matched silicon schottky diodes.
It’s performance is especially suited to high dynamic
range receivers. Given it’s high 1dB compression
point,
the
ESMD-C50M
is
also
suitable
for
Transmitter upconversion at any frequency up to
2.5GHz. Parts are packaged in tape & reel.
Ordering Information
Part Number
Package
ESMD-C50MTR
Tape and Reel (500 piece Reel)
SM - 2 Package
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency
IF 1.0 dB bandwidth = DC - 1000 MHz
80 -2500
MHz
Conversion Loss
80 - 1000
1000 - 2500
dB
dB
6.21
7.37
7.5
9.0
Isolation
LO to RF
80 - 1000
1000 - 2500
dB
dB
27
22
32.5
29.1
Isolation
LO to IF
80 - 1000
1000 - 2500
dB
dB
25
15
31.8
19.8
Isolation
RF to IF
80 - 1000
1000 - 2500
dB
dB
22
18
28.3
24.6
VSWR
LO
80 - 1000
1000 - 2500
1.56
1.25
2.15
1.7
VSWR
RF
80 - 1000
1000 - 2500
1.62
1.71
2.1
2.2
VSWR
IF
DC - 600
1.65
2.3
Input IP3
200 - 1000
1000 - 2500
dBm
dBm
21.0
17.0
26.6
23.5
Input 1 dB Compression
80 -2500
dBm
8.0


Similar Part No. - ESMD-C50M_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESMD-C50MTR MACOM-ESMD-C50MTR Datasheet
168Kb / 4P
   E-Series Surface Mount Mixer 80 . 2500 MHz
More results

Similar Description - ESMD-C50M_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMXES0117 MA-COM-MAMXES0117 Datasheet
165Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
Tyco Electronics
ESMD-C50M MACOM-ESMD-C50M Datasheet
168Kb / 4P
   E-Series Surface Mount Mixer 80 . 2500 MHz
ESMD-C50H MACOM-ESMD-C50H_1 Datasheet
162Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
ESMD-C50L MACOM-ESMD-C50L Datasheet
161Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
MAMXES0042 MACOM-MAMXES0042 Datasheet
52Kb / 2P
   E-Series Surface Mount Mixer 80 . 2500 MHz
ESMD-C50H MACOM-ESMD-C50H Datasheet
143Kb / 3P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
M/A-COM Technology Solu...
ESMD-C50H MA-COM-ESMD-C50H Datasheet
181Kb / 3P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
Tyco Electronics
MAMXES0117 MACOM-MAMXES0117 Datasheet
162Kb / 4P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
M/A-COM Technology Solu...
ESMD-C50L MA-COM-ESMD-C50L Datasheet
190Kb / 3P
   E-Series Surface Mount Mixer 80 - 2500 MHz
logo
Tyco Electronics
ELCM-25MH MACOM-ELCM-25MH Datasheet
70Kb / 3P
   E-Series Surface Mount Mixer 5-2500 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com