Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETC1-1T-5TR Datasheet(PDF) 1 Page - Tyco Electronics

Part # ETC1-1T-5TR
Description  E-Series 1:1 Transformer 2 - 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ETC1-1T-5TR Datasheet(HTML) 1 Page - Tyco Electronics

  ETC1-1T-5TR Datasheet HTML 1Page - Tyco Electronics ETC1-1T-5TR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series RF 1:1 Transformer
2 – 500 MHz
ETC1-1T-5
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
Features
• 1:1 Impedance Ratio
• Surface Mount
• Tape and reel packaging available
Description
M/A-COM’s ETC1-1T-5 is a 1:1 RF transformer in a
low
cost,
surface
mount
package.
Typical
applications
include
single
to
balanced
mode
conversion and impedance matching. Parts are
packaged in tape & reel.
Ordering Information
Part Number
Package
ETC1-1T-5TR
Tape and Reel (2000 piece Reel)
SM - 22 Package
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
RF Frequency
2 - 500
MHz
Insertion Loss
2 - 300
2 - 500
dB
1.0
2.0
Amplitude Imbalance
2 - 300
2 - 500
dB
dB
0.3
0.6
Phase Imbalance
2 - 300
2 - 500
Degrees
Degrees
2.0
5.0
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. The maximum DC current applies to the secondary center tap
in applications where the secondary is balanced.
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
240 mA
2
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C


Similar Part No. - ETC1-1T-5TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC1-1T-5 MACOM-ETC1-1T-5 Datasheet
50Kb / 2P
   E-Series RF 1:1 Transformer 2- 500 MHz
logo
M/A-COM Technology Solu...
ETC1-1T-5 MA-COM-ETC1-1T-5 Datasheet
84Kb / 2P
   E-Series RF 1:1 Transformer 2- 500 MHz
More results

Similar Description - ETC1-1T-5TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ETC1-1T-5 MA-COM-ETC1-1T-5 Datasheet
84Kb / 2P
   E-Series RF 1:1 Transformer 2- 500 MHz
logo
Tyco Electronics
ETC1-1T-5 MACOM-ETC1-1T-5 Datasheet
50Kb / 2P
   E-Series RF 1:1 Transformer 2- 500 MHz
logo
M/A-COM Technology Solu...
MABA-009484-ETC31T MA-COM-MABA-009484-ETC31T Datasheet
94Kb / 2P
   E-Series RF 3:1 Transformer 2-500 MHz
MABA-009180-500MHZ MA-COM-MABA-009180-500MHZ Datasheet
96Kb / 3P
   E-Series RF 1:1 Transformer 0.4-500 MHz
logo
Tyco Electronics
ETC1-1-10 MACOM-ETC1-1-10_1 Datasheet
165Kb / 2P
   E-Series 1:1 Transformer 1710 - 1910 MHz
ETC2-1T-2 MACOM-ETC2-1T-2 Datasheet
35Kb / 1P
   E-Series RF 2:1 Transformer 50 - 1000 MHz
ETC2-1-4 MACOM-ETC2-1-4 Datasheet
34Kb / 1P
   E-Series RF 2:1 Transformer 10 - 1000 MHz
logo
M/A-COM Technology Solu...
MABA-009250-CT0068 MA-COM-MABA-009250-CT0068 Datasheet
82Kb / 2P
   E-Series RF 2:1 Transformer 3-300 MHz
MABA-008752-TC1P57 MA-COM-MABA-008752-TC1P57 Datasheet
72Kb / 2P
   E-Series RF 1.5:1 Transformer 2 - 1000 MHz
logo
Tyco Electronics
ETC1.5-7 MACOM-ETC1.5-7 Datasheet
57Kb / 2P
   E-Series RF 1.5:1 Transformer 2 - 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com