Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT3216SECK Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APT3216SECK
Description  3.2mmx1.6mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APT3216SECK Datasheet(HTML) 3 Page - Kingbright Corporation

  APT3216SECK Datasheet HTML 1Page - Kingbright Corporation APT3216SECK Datasheet HTML 2Page - Kingbright Corporation APT3216SECK Datasheet HTML 3Page - Kingbright Corporation APT3216SECK Datasheet HTML 4Page - Kingbright Corporation APT3216SECK Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAD0991
REV NO: V.6
DATE: MAY/07/2007
PAGE: 3 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1203001965
Super Bright Orange
APT3216SECK


Similar Part No. - APT3216SECK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT3216SECK KINGBRIGHT-APT3216SECK Datasheet
205Kb / 1P
   SUPER THIN SMD CHIP LED 3216(1206)
logo
HK TO-GRACE TECHNOLOGY ...
APT3216SECK TO-GRACE-APT3216SECK Datasheet
796Kb / 4P
   3.2 mm x 1.6 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APT3216SECK-J3-PRV KINGBRIGHT-APT3216SECK-J3-PRV Datasheet
258Kb / 5P
   Low power consumption
logo
HK TO-GRACE TECHNOLOGY ...
APT3216SECK-J3-PRV TO-GRACE-APT3216SECK-J3-PRV Datasheet
773Kb / 4P
   3.2 mm x 1.6 mm SMD Chip LED Lamp
logo
Kingbright Corporation
APT3216SECK-J4-PRV KINGBRIGHT-APT3216SECK-J4-PRV Datasheet
260Kb / 5P
   Low power consumption
More results

Similar Description - APT3216SECK

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT3216RWF-A KINGBRIGHT-APT3216RWF-A Datasheet
389Kb / 7P
   3.2mmx1.6mm SMD CHIP LED LAMP
APT3216ZGC KINGBRIGHT-APT3216ZGC Datasheet
279Kb / 5P
   3.2mmx1.6mm SMD CHIP LED LAMP
APT3216EC KINGBRIGHT-APT3216EC Datasheet
274Kb / 5P
   3.2mmx1.6mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APT3216YC TO-GRACE-APT3216YC Datasheet
1Mb / 5P
   3.2mmx1.6mm SMD CHIP LED LAMP
APT3216QWF-G TO-GRACE-APT3216QWF-G Datasheet
1Mb / 6P
   3.2mmx1.6mm SMD CHIP LED LAMP
APT3216ZGC-G TO-GRACE-APT3216ZGC-G Datasheet
1Mb / 5P
   3.2mmx1.6mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BG55W-A2 SUNLED-ZM2BG55W-A2 Datasheet
195Kb / 4P
   3.2mmx1.6mm SMD CHIP LED LAMP
ZM2CR55W-1 SUNLED-ZM2CR55W-1 Datasheet
188Kb / 4P
   3.2mmx1.6mm SMD CHIP LED LAMP
ZMDK55W-A2 SUNLED-ZMDK55W-A2 Datasheet
188Kb / 4P
   3.2mmx1.6mm SMD CHIP LED LAMP
ZMO55W-1 SUNLED-ZMO55W-1 Datasheet
184Kb / 4P
   3.2mmx1.6mm SMD CHIP LED LAMP
ZUR55W-1 SUNLED-ZUR55W-1 Datasheet
188Kb / 4P
   3.2mmx1.6mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com