Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP45N03LTA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PHP45N03LTA
Description  N-channel enhancement mode field-effect transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP45N03LTA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PHP45N03LTA Datasheet HTML 6Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 7Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 8Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 9Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 10Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 11Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 12Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 13Page - NXP Semiconductors PHP45N03LTA Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Philips Semiconductors
PHP/PHB/PHD45N03LTA
N-channel enhancement mode field-effect transistor
Product data
Rev. 02 — 02 November 2001
11 of 14
9397 750 09023
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Fig 16. SOT428 (D-PAK)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT428
TO-252
SC-63
98-04-07
99-09-13
0
10
20 mm
scale
Plastic single-ended surface mounted package (Philips version of D-PAK); 3 leads
(one lead cropped)
SOT428
E
b2
D1
wA
M
bc
b1
L1
L
13
2
D
E1
HE
L2
Note
1. Measured from heatsink back to lead.
e1
e
A
A2
A
A1
y
seating plane
mounting
base
A1
(1)
D
max.
b
D1
max.
E
max.
HE
max.
w
y
max.
A2
b2
b1
max.
c
E1
min.
ee1
L1
min.
L2
L
A
max.
UNIT
DIMENSIONS (mm are the original dimensions)
0.2
0.2
mm
2.38
2.22
0.65
0.45
0.89
0.71
0.89
0.71
1.1
0.9
5.36
5.26
0.4
0.2
6.22
5.98
4.81
4.45
2.285
4.57
10.4
9.6
0.5
0.7
0.5
6.73
6.47
4.0
2.95
2.55


Similar Part No. - PHP45N03LTA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP45N03LT PHILIPS-PHP45N03LT Datasheet
55Kb / 8P
   TrenchMOS transistor Logic level FET
November 1997 Rev 1.200
More results

Similar Description - PHP45N03LTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com