Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETC4-1T-7TR Datasheet(PDF) 1 Page - Tyco Electronics

Part # ETC4-1T-7TR
Description  E-Series RF 1:4 Transmission Line Step-up Transformer 6 - 1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ETC4-1T-7TR Datasheet(HTML) 1 Page - Tyco Electronics

  ETC4-1T-7TR Datasheet HTML 1Page - Tyco Electronics ETC4-1T-7TR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E-Series RF 1:4 Transmission Line Step-up Transformer
6 – 1000 MHz
ETC4-1T-7
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
1
Features
• 1:4 Impedance Ratio
• CT on Secondary
• Surface Mount
• Tape and reel packaging available
Description
M/A-COM’s ETC4-1T-7 is a 1:4 RF transmission line
step-up transformer in a low cost, surface mount
package. Ideally suited for high volume cellular and
wireless applications. Typical applications include
single to balanced mode conversion and impedance
matching. Parts are packaged in tape & reel.
Ordering Information
Part Number
Package
ETC4-1T-7TR
Tape and Reel (2000 piece Reel)
SM - 22 Package
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
RF Frequency
6 - 1000
MHz
Insertion Loss
FL—fU
6 - 600
600 - 1000
dB
2.0
3.0
Amplitude Unbalance
FL—fU
6 - 1000
dB
1.0
Phase Unbalance
FL—fU
6 - 1000
Degrees
10
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C


Similar Part No. - ETC4-1T-7TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC4-1T-7 MACOM-ETC4-1T-7 Datasheet
169Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
logo
M/A-COM Technology Solu...
ETC4-1T-7 MA-COM-ETC4-1T-7 Datasheet
134Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
logo
Tyco Electronics
ETC4-1T-75 MACOM-ETC4-1T-75 Datasheet
105Kb / 1P
   E-Series RF 1:4 Transformer 40 - 1000 MHz
More results

Similar Description - ETC4-1T-7TR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-008639-TC41T7 MA-COM-MABA-008639-TC41T7 Datasheet
65Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 6 -1000 MHz
ETK4-2T MA-COM-ETK4-2T Datasheet
118Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 2.0 - 1000 MHz
MABA-007569-ETK42T MA-COM-MABA-007569-ETK42T Datasheet
66Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 2-1000 MHz
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer 2-1000 MHz
logo
Tyco Electronics
ETK4-2T MACOM-ETK4-2T Datasheet
92Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
logo
M/A-COM Technology Solu...
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM_15 Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007569-ETK42T MA-COM-MABA-007569-ETK42T_15 Datasheet
594Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423 MA-COM-MABA-007236-C16423 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007569-ETK42T-V2 MA-COM-MABA-007569-ETK42T-V2 Datasheet
594Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com