Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5C6800CLE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C6800CLE
Description  10-Bit Bus Switch with Precharged Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C6800CLE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C6800CLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C6800CLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C6800CLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C6800CLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C6800CLE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8351F
03/23/07
PI5C6800C
10-Bit Bus Switch with
Precharged Outputs
Notes:
1.
This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical On-State resis-
tance of the switch and a load capacitance of 50pF, when driven by an ideal voltage source (zero output impedance).
Parameter Measurements
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Notes:
1. CL includes probe and jig capacitance.
2. Waveform 1 is for an output with internal conditions such that the output is LOW except when disabled by the output control. Waveform 2 is
for an output with internal conditions such that the output is HIGH except when disabled by the output control.
All input pulses are supplied by generators having the following characteristics: PRR < 10MHz, Zo = 50Ω, tr ≤ 2.5ns, tf ≤ 2.5ns.
The outputs are measured one at a time with one transition per measurement.
tPLZ and tPHZ are the same as tdis.
tPZL and tPZH are the same as ten.
tPLH and tPHL are the same as tpd.
tPZL
Output
Control
(Low Level
Enabling)
0V
1.5V
1.5V
1.5V
1.5V
tPLZ
tPHZ
VOL
3.5V
0V
tPZH
+0.3V
-0.3V
Output
Waveform 1
S1 at 6V
(see Note 2)
Output
Waveform 2
S1 at Open
(see Note 2)
VOH
VOH
VOL
3V
7V
Open
GND
S1
LOAD CIRCUIT
From Output
Under Test
CL = 50pF
(See note 1)
Input
tPLH
tPHL
3V
1.5V
1.5V
1.5V
1.5V
0V
Output
VOH
VOL
Switching Characteristics (Over Recommended Operating Free-air Temperature Range, CL = 50pF)
Parameter
Test Conditions
From (Input)
To (Input)
VCC = 5V ±0.5V
VCC = 4V
Units
Min.
Max.
Min.
Max.
tPD(1)
A or B
B or A
0.25
0.25
ns
tPZH
BIASV = GND
ON
A or B
3.1
5
6
tPZL
BIASV = 3V
3.6
5
6
tPHZ
BIAS = GND
ON
A or B
2.7
5
5.5
tPLZ
BIAS = 3V
3
5
5.5
Test
S1
tPD
Open
tPLZ/tPZL
7V
tPHZ/tPZH
Open
07-0073


Similar Part No. - PI5C6800CLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800L PERICOM-PI5C6800L Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800LE PERICOM-PI5C6800LE Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800Q PERICOM-PI5C6800Q Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800QE PERICOM-PI5C6800QE Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
More results

Similar Description - PI5C6800CLE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C6800 PERICOM-PI5C6800 Datasheet
353Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800 IDT-IDT74FST6800_15 Datasheet
100Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
IDT74FST6800 RENESAS-IDT74FST6800 Datasheet
273Kb / 6P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
APRIL 2015
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800 TI1-SN74CB3Q6800_15 Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI-SN74CBT6800A_08 Datasheet
476Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Integrated Device Techn...
IDT74CBTLV6800 IDT-IDT74CBTLV6800 Datasheet
69Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
74CBTLV6800 RENESAS-74CBTLV6800 Datasheet
266Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
MAY 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com