Selected language     English  â–¼


H-9SMA Datasheet(PDF) 1 Page - Tyco Electronics

Part No. H-9SMA
Description  Hybrid Junction, 2 MHz - 2 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
!
"
!
"
!
"
! #
$
!
!
%
&'(
"
)
* + !
"
+ , !
$
-
!
.
/0 1
- #
!
)"
2
-
!#$ 3
%
, &4
0 ,
%
, &4
0 ,
,-
.%/ 56
/
! !7 8*
(
!"
98
#
!
## '
"
)"
$
!
#
!
"
#
$
!
!
!
#
(':!
/
3
!
2$ (
;
;
#
$%
&
'''( )*
-!
! .
<
$# !7=
% ,&4
%
,&4
%
,&4
%
,&4
%
,&4
%
,&4
+ ,
+ ,
+ ,
+ ,
+ ,
+ ,
-
!
%
,&4
%
,&4
%
,&4
%
,&4
+ , !
+ , !
+ , !
+ , !
8 # $
+
!
%
,&4
+ ,
/0 1
% ,&4
%
,&4
%
,&4
%
,&4
%
,&4
,
,
,
,
,
3"
+
!
%
,&4
%
,&4
%
,&4
,
,
,




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
H-1-4UHF Hybrid Junction 5 MHz - 1 GHz 1 Tyco Electronics
AD83191 MHz to 10 GHz 40 dB Log Detector/Controller 1 2 3 4 5 MoreAnalog Devices
AD8312_0550 MHz to 3.5 GHz 45 dB RF Detector 1 2 3 4 5 MoreAnalog Devices
ISG565275 TO 65 MHz SILICON CATV 27dB HYBRID AMPLIFIER 1 2 SIRENZA MICRODEVICES
AD8314_06100 MHz to 2.7 GHz 45 dB RF Detector/Controller 1 2 3 4 5 MoreAnalog Devices
LMX2485_061050 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinumâ„¢ Frequency Synthesizers with 800 MHz Integer PLL 1 2 3 4 5 MoreNational Semiconductor (TI)
AD8318_061 MHz to 8 GHz 60 dB Logarithmic Detector/Controller 1 2 3 4 5 MoreAnalog Devices
AD8319_071 MHz to 10 GHz 40 dB Log Detector/Controller 1 2 3 4 5 MoreAnalog Devices
TR8100916.50 MHz Hybrid Transceiver 1 2 3 4 5 MoreRF Monolithics, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl