Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HH-109PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # HH-109PIN
Description  Hybrid Junction, 5 - 200 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HH-109PIN Datasheet(HTML) 2 Page - Tyco Electronics

  HH-109PIN Datasheet HTML 1Page - Tyco Electronics HH-109PIN Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hybrid Junction, 5 - 200 MHz
HH-/HHS-109
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
1.00
1.50
2.00
2.50
3.00
0.5
1.0
2.0
5.0
10.0
20.0
50.0 100.0 200.0 500.0
Frequency (GHz)
All P orts
Electrical Specifications
1: T
A = -55°C to +85°C
Typical Performance Curves
Isolation
Insertion Loss
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
Less Coupling
5 - 200 MHz
dB
1.4
Isolation
5 - 100 MHz
100 - 200 MHz
dB
dB
30
25
Amplitude Balance
5 - 200 MHz
dB
0.3
VSWR
5 - 100 MHz
100 - 200 MHz
Ratio
Ratio
1.5:1
1.7:1
Phase Balance
5 - 100 MHz
100 - 200 MHz
°
°
4
8
Impedance
Ohms
50
Input Power
Watts
0.5
1. All specifications apply with 50 ohm source and load impedance.
Ordering Information
Part Number
Package
HH-109 PIN
FP-2
HHS-109 PIN
SF-1
0
1
2
3
0.5
1.0
2.0
5.0
10.0
20.0
50.0
100.0 200.0 500.0
Frequency (MHz)
P orts A- C, A- D
20
30
40
50
60
1
1
2
5
10
20
50
100
200
500
Frequency (MHz)
P orts A- B, C- D
VSWR


Similar Part No. - HH-109PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-109PIN MACOM-HH-109PIN Datasheet
84Kb / 2P
   Hybrid Junction 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-109PIN MA-COM-HH-109PIN Datasheet
71Kb / 2P
   Hybrid Junction, 5 - 200 MHz
More results

Similar Description - HH-109PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
HH-109 MA-COM-HH-109 Datasheet
71Kb / 2P
   Hybrid Junction, 5 - 200 MHz
HH-_HHS-109 MA-COM-HH-_HHS-109 Datasheet
71Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
Tyco Electronics
HHS-109 MACOM-HHS-109 Datasheet
84Kb / 2P
   Hybrid Junction 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-106_107 MA-COM-HH-106_107 Datasheet
70Kb / 2P
   180o Hybrid Junction, 2 - 200 MHz
HH-106 MA-COM-HH-106 Datasheet
70Kb / 2P
   180쨘 Hybrid Junction, 2 - 200 MHz
logo
Tyco Electronics
HH-106 MACOM-HH-106_1 Datasheet
115Kb / 2P
   180 Hybrid Junction, 2 - 200 MHz
HH-108 MACOM-HH-108 Datasheet
94Kb / 2P
   High-Power Hybrid Junction 200 kHz - 35 MHz
H-1-4 MACOM-H-1-4 Datasheet
102Kb / 1P
   UHF Hybrid Junction 5 MHz - 1 GHz
logo
M/A-COM Technology Solu...
HH-110 MA-COM-HH-110 Datasheet
89Kb / 3P
   Hybrid Junction, 10 - 500 MHz
HH_HHS-110_HH-127 MA-COM-HH_HHS-110_HH-127 Datasheet
89Kb / 3P
   Hybrid Junction, 10 - 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com