Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9750CY Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9750CY
Description  In-Rush Current Limit MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9750CY Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9750CY Datasheet HTML 1Page - Vishay Siliconix SI9750CY Datasheet HTML 2Page - Vishay Siliconix SI9750CY Datasheet HTML 3Page - Vishay Siliconix SI9750CY Datasheet HTML 4Page - Vishay Siliconix SI9750CY Datasheet HTML 5Page - Vishay Siliconix SI9750CY Datasheet HTML 6Page - Vishay Siliconix SI9750CY Datasheet HTML 7Page - Vishay Siliconix SI9750CY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Si9750
Vishay Siliconix
www.vishay.com
2
Document Number: 70028
S-40754—Rev. D, 19-Apr-04
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to Ground
VDD
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Boost Voltage
29 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Inputs/Outputs
(except Gate, Boost and VRST)
−0.3 to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . .
VRST Input Current (0 < VRST < 15 V)
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Inputs/Outputs Current
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RESET Current
3 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
STATUS Current
3 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65 to 125_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (package)a
16-Pin SOICb
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (QJA)
140_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 7.2 mW/_C above 25_C.
*
Exposure to Absolute Maximum rating conditions for extended periods may affect device reliability. Stresses above Absolute Maximum rating may cause permanent
.
damage. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any
one time
SPECIFICATIONS
Test Conditions Unless Specified
2.9 V v VDD v 13.2 V
HI/LO GND R
12 5 kW
Limits
0 to 70_C
Parameter
Symbol
2.9 V
VDD
13.2 V
HI/LO = GND, RBIAS = 12.5 kW
LBOOST = 100 mH, CBOOST = 100 nF
Mina
Typb
Maxa
Unit
Supply
Quiescent Current
IQ
ENABLE =Logic Low
4
8
mA
Logic
Enable Turn-On Voltage
VEN(on)
0.3 x VDD
V
Enable Turn-Off Voltage
VEN(off)
0.7 x VDD
V
Enable Source Current
IENSRC
VENABLE = 0V
40
120
mA
Turn-On Time
tON
See Figure 3
5
Turn-Off Time
tOFF
See Figure 3
5
Turn-On Boost
tON(BST)
See Figure 4
600
ms
tOFF Initial Short Circuit
tOFF(ISC)
CGATE = 33 nF, See Figure 6
10
m
tOFF Short Circuit
tOFF(SC)
CGATE = 33 nF, See Figure 7
2
Status Output Voltage
VSTAT
ISINK = 200 mA
0.4
V
Status Output Delay Time
tSTDLY
See Figure 8
25
ms
Status Threshold
VSTATTHR
0.85 x VDD
0.95 x VDD
HI/LO Turn-On Voltage
VHILO(on)
0.7 x VDD
V
HI/LO Turn-Off Voltage
VHILO(off)
0.3 x VDD
Gate Drive
Enhancement Voltage (VGATE − VSENSE)
VGS
8.5
10.5
15
V
Source Current
ISOURCE
VCBOOST = 9 V
1.06
1.30
1.54
mA
Sink Current
ISINK
VCBOOST = 9 V
1.6
2.6
3.7
mA
Current Sense Circuit
Current Sense Amplifier Common Mode
Range
VCMR
0
VDD + 0.3
V
Current Sense Amplifier Voltage Offset
VOS
−3
3
mV
Current Sense Amplifier Bias Current
ISOS
Normal Operation
−0.2
mA
RLIMSET Reference Current
IRLIMSET
18
19.5
21
mA
Current Sense Amplifier Hysteresis
VHYST
12
mV
Current Sense Amplifier Series Offset
VSOS
HI/LO = VDD, VCMR > 0.5 V
20
mV
Power On Reset
RESET Output Voltage
VOP(rst)
IOUT = 1 mA, VDD > 2 V
0.4
V
RESET Output Hysteresisc
VHYST
See Note c
2
mV
RESET Comparator Input Threshold
VRST
See Note c
1.223
1.250
1.277
V


Similar Part No. - SI9750CY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9750 VISHAY-SI9750 Datasheet
184Kb / 9P
   In-Rush Current Limit MOSFET Driver
Rev. C, 05-Apr-99
More results

Similar Description - SI9750CY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9750 VISHAY-SI9750 Datasheet
184Kb / 9P
   In-Rush Current Limit MOSFET Driver
Rev. C, 05-Apr-99
logo
ON Semiconductor
NCV8411 ONSEMI-NCV8411 Datasheet
269Kb / 13P
   Self-Protected Low Side Driver with In-Rush Current Management
January, 2019 ??Rev. 0
logo
SynQor Worldwide Headqu...
MQME-28-T SYNQOR-MQME-28-T Datasheet
6Mb / 17P
   Soft-Start circuitry to limit in-rush charging currents
logo
ON Semiconductor
NCV8412 ONSEMI-NCV8412 Datasheet
207Kb / 14P
   Self-Protected Low Side Driver with In-Rush Current Management
July, 2020 ??Rev. 0
NCV8413 ONSEMI-NCV8413 Datasheet
283Kb / 13P
   Self-Protected Low Side Driver with In-Rush Current Management
December, 2019 ??Rev. 1
NCV8415 ONSEMI-NCV8415 Datasheet
416Kb / 14P
   Self-Protected Low Side Driver with In-Rush Current Management
January, 2021 ??Rev. 0
logo
Infineon Technologies A...
IRFH5300PBF INFINEON-IRFH5300PBF Datasheet
829Kb / 10P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
Rev. 2.4, 2021-01-29
logo
International Rectifier
IRFH8202PBF IRF-IRFH8202PBF Datasheet
240Kb / 8P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
IRFH5250PBF IRF-IRFH5250PBF_15 Datasheet
267Kb / 9P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
logo
Infineon Technologies A...
IRFH8202TRPBF INFINEON-IRFH8202TRPBF Datasheet
858Kb / 10P
   OR-ing MOSFET for 12V (typical) Bus in-Rush Current
Rev. 2.4, 2021-01-29
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com