Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHB50N03 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHB50N03
Description  N-channel TrenchMOS transistor Logic level FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHB50N03 Datasheet(HTML) 4 Page - NXP Semiconductors

  PHB50N03 Datasheet HTML 1Page - NXP Semiconductors PHB50N03 Datasheet HTML 2Page - NXP Semiconductors PHB50N03 Datasheet HTML 3Page - NXP Semiconductors PHB50N03 Datasheet HTML 4Page - NXP Semiconductors PHB50N03 Datasheet HTML 5Page - NXP Semiconductors PHB50N03 Datasheet HTML 6Page - NXP Semiconductors PHB50N03 Datasheet HTML 7Page - NXP Semiconductors PHB50N03 Datasheet HTML 8Page - NXP Semiconductors PHB50N03 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHP50N03LT, PHB50N03LT
Logic level FET
PHD50N03LT
Fig.5. Typical output characteristics
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance
R
DS(ON) = f(ID); parameter VGS
Fig.7. Typical transfer characteristics.
I
D = f(VGS)
Fig.8. Typical transconductance
g
fs = f(ID)
Fig.9. Normalised drain-source on-state resistance.
a = R
DS(ON)/RDS(ON)25 ˚C = f(Tj)
Fig.10. Gate threshold voltage.
V
GS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
0
5
10
15
20
25
30
35
40
45
50
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Drain-Source Voltage, VDS (V)
Drain Current, ID (A)
2.2 V
2.4 V
Tj = 25 C
VGS = 10 V
3.2 V
2.6 V
4.5 V
2.8 V
3 V
5 V
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
Drain current, ID (A)
Transconductance, gfs (S)
Tj = 25 C
175 C
VDS > ID X RDS(ON)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
0
5
10
15
20
25
30
35
40
45
50
Drain Current, ID (A)
Drain-Source On Resistance, RDS(on) (Ohms)
VGS =4.5 V
10V
Tj = 25 C
2.8V
3 V
2.6 V
2.2 V
2.4 V
3.2 V
5 V
Normalised On-state Resistance
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
Junction temperature, Tj (C)
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Gate-source voltage, VGS (V)
Drain current, ID (A)
VDS > ID X RDS(ON)
Tj = 25 C
175 C
Threshold Voltage, VGS(TO) (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
Junction Temperature, Tj (C)
typical
maximum
minimum
October 1999
4
Rev 1.800


Similar Part No. - PHB50N03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHB50N03 PHILIPS-PHB50N03 Datasheet
63Kb / 7P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB50N03T PHILIPS-PHB50N03T Datasheet
63Kb / 7P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
More results

Similar Description - PHB50N03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP69N03LT PHILIPS-PHP69N03LT Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
PHP55N03LT PHILIPS-PHP55N03LT Datasheet
107Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP11N06LT PHILIPS-PHP11N06LT Datasheet
114Kb / 12P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.000
PHP87N03LT PHILIPS-PHP87N03LT Datasheet
102Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
logo
Nexperia B.V. All right...
BSS123 NEXPERIA-BSS123 Datasheet
143Kb / 5P
   N-channel TrenchMOS transistor Logic level FET
August 2000
logo
NXP Semiconductors
PHB11N03LT PHILIPS-PHB11N03LT Datasheet
105Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
September 1999 Rev 1.000
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com