Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD235 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD235
Description  3.3-V CAN TRANSCEIVERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD235 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD235 Datasheet HTML 5Page - Texas Instruments SN65HVD235 Datasheet HTML 6Page - Texas Instruments SN65HVD235 Datasheet HTML 7Page - Texas Instruments SN65HVD235 Datasheet HTML 8Page - Texas Instruments SN65HVD235 Datasheet HTML 9Page - Texas Instruments SN65HVD235 Datasheet HTML 10Page - Texas Instruments SN65HVD235 Datasheet HTML 11Page - Texas Instruments SN65HVD235 Datasheet HTML 12Page - Texas Instruments SN65HVD235 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SN65HVD233
SN65HVD234
SN65HVD235
SLLS557D − NOVEMBER 2002 REVISED JUNE 2005
www.ti.com
9
CANH
CANL
RS
D
AB or LBK
15 pF
±20%
+
VO
60
Ω ±1%
HVD233 or HVD235
CANH
CANL
RS
D
15 pF
±20%
+
VO
60
Ω ±1%
HVD234
VI
0 V
VI
0 V
EN
VCC
50%
VCC
0 V
VI
50%
VO
ten(s)
VOH
VOL
R
NOTE: All VI input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 6 ns, pulse repetition rate (PRR) = 125 kHz, 50%
duty cycle.
Figure 8. ten(s) Test Circuit and Voltage Waveforms
CANH
CANL
RS
D
15 pF
±20%
+
VO
60
Ω ±1%
HVD234
VI
0 V
EN
50%
VCC
0 V
VI
50%
VO
ten(z)
VOH
VOL
NOTE: All VI input pulses are supplied by a generator having the following characteristics:
tr or tf ≤ 6 ns, pulse repetition rate (PRR) = 50 kHz, 50% duty cycle.
R
Figure 9. ten(z) Test Circuit and Voltage Waveforms
VI
VOC
D
27
Ω ±1%
27
Ω ±1%
RS
CANH
CANL
50 pF
±20%
VOC
VOC(PP)
NOTE: All VI input pulses are supplied by a generator having the following characteristics:
tr or tf ≤ 6 ns, pulse repetition rate (PRR) = 125 kHz, 50% duty cycle.
Figure 10. VOC(pp) Test Circuit and Voltage Waveforms


Similar Part No. - SN65HVD235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD235 TI-SN65HVD235 Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD235 TI-SN65HVD235 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD235 TI-SN65HVD235 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SN65HVD235 TI1-SN65HVD235 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
SN65HVD235 TI1-SN65HVD235 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com