Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1A48D30 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RN1A48D30
Description  Solid State Relays 1- and 2 Pole SOLITRON With Integrated Heatsink
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN1A48D30 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RN1A48D30 Datasheet HTML 1Page - List of Unclassifed Manufacturers RN1A48D30 Datasheet HTML 2Page - List of Unclassifed Manufacturers RN1A48D30 Datasheet HTML 3Page - List of Unclassifed Manufacturers RN1A48D30 Datasheet HTML 4Page - List of Unclassifed Manufacturers RN1A48D30 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2-90
Specifications are subject to change without notice (08.05.2002)
Thermal Specifications
RN.....30
RN.....50
RN.....63
Operational temperature
-20 to +70°C (-4 to +158°F)
-20 to +70°C (-4 to +158°F)
-20 to +70°C (-4 to +1580F)
Storage temperature
-40 to +100°C (-40 to +212°F)
-40 to +100°C (-40 to +212°F)
-40 to +100°C (-40 to +212°F)
Junction temperature
< 125°C (257°F)
< 125°C (257°F)
< 125°C (257°F)
Rth junction to ambient (AC load)
2.8 K/W
1.7 K/W
1.5 K/W
Insulation
Rated impulse withstand voltage
Input to output
4000 Vimp
Rated impulse withstand voltage
Output to heatsink
4000 Vimp
Dimensions
Dimensions with RHN 1 (30 A)
(H x W x D)
120 x 45 x 110 mm
Dimensions with RHN 2 (50, 63 A)
(H x W x D)
120 x 90 x 110 mm
Housing Specifications
Mounting
DIN-rail 35 mm
Weight with RHN1
470 g
Weight with RHN2
780 g
Housing material
Glass reinforced noryl
SE1GFN1
LED window material
PC Lexan 141R
Base plate
Aluminium, nickel-plated
Potting compound
Polyurethane, Casco Nobel
Terminals
Screw with captive wire
clamp
Control terminals nominal
4 mm2 or 2 x 2.5 mm2
AWG 12 or 2 x AWG 14
Min.
0.5 mm2, AWG 20
Mounting torque max.
0.6 Nm
Power terminals nominal
10 mm2 or 2 x 6 mm2
AWG 6 or 2 x AWG 10
Min.
1 mm2, AWG 16
Mounting torque max.
2.0 Nm
Heatsink compound used
Dow Corning 340
Environment Specifications
Humidity max.
95%, no condensation
Wiring Diagrams
RN 1 A 23 A 50
1-pole RN...
2-pole RN...
Control
input
Control
input
Control
input
L+/L A1
~
- - - /
L-/L A2
L1
T1
~
- - - /
~
- - - /
L+/L A1
L-/L A4
L1
T1
L2
T2
L-/L A2
L+/L A3


Similar Part No. - RN1A48D30

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RN100-482.505DN RECOM-RN100-482.505DN Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RN100-482.53.3DN RECOM-RN100-482.53.3DN Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RN100-483.305DN RECOM-RN100-483.305DN Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
logo
Toshiba Semiconductor
RN1001 TOSHIBA-RN1001 Datasheet
253Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1002 TOSHIBA-RN1002 Datasheet
253Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN1A48D30

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOR86707WF CELDUC-SOR86707WF Datasheet
590Kb / 6P
   Power Solid State Relay with integrated heatsink
logo
PHOENIX CONTACT
EMG30I PHOENIX-EMG30I Datasheet
44Kb / 2P
   VARIOFACE 2-channel module with solid state relays
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
   1 Form A Solid-State Relays
March 21, 2001-14
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com