Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1A48D50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RN1A48D50
Description  Solid State Relays 1- and 2 Pole SOLITRON With Integrated Heatsink
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN1A48D50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RN1A48D50 Datasheet HTML 1Page - List of Unclassifed Manufacturers RN1A48D50 Datasheet HTML 2Page - List of Unclassifed Manufacturers RN1A48D50 Datasheet HTML 3Page - List of Unclassifed Manufacturers RN1A48D50 Datasheet HTML 4Page - List of Unclassifed Manufacturers RN1A48D50 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2-88
Specifications are subject to change without notice (08.05.2002)
• AC Solid State Contactor, 1- and 2 poles
• Zero switching for heating and
motor applications
• Instant-on switching
• Rated operational current 30 A, 50 A and 63 A
• Rated operational voltage 230 VAC, 400/480 VAC
• Transient overvoltage protection built-in
• LED-indication
• IP 20 protection
• DIN-rail mountable
Product Description
Ordering Key
RN 1 A 23 A 50
The SOLITRON Solid State
Contactor is designed for
industrial heating and motor
control applications.
The Solid State Contactor is
capable of switching 1-, 2-,
and 3-phase applications
with loads up to 63 A AC1
load and up to 24 A AC3
load. The Solid State Con-
tactor is designed for DIN-
rail mounting with integrated
heatsink and overvoltage
protection. The heatsink is
moved to the front for optimal
convection cooling in the
panel. Cable ducting system
will not stop the airflow.
The contactor elements are
soldered directly on to the
direct copper bonded sub-
strate (DCB-technology). AC
or DC controlled versions
are available. Built-in LED
status indication for applied
control voltage.
Solid State Relay
Number of poles
Switching type
A: Zero switching
B: Instant on switching
Rated operational voltage
Control voltage
Rated operational current
Solid State Relays
1- and 2 Pole SOLITRON
With Integrated Heatsink
Type Selection, 1 Pole
Rated operational
Control voltage
Rated operational current
voltage
AC51: 30 A
AC51: 50 A
AC51: 63 A
AC53a: 6 A
AC53a: 12 A
AC53a: 24 A
230 VAC
5-32 VDC
RN 1A23D30
RN 1A23D50
RN 1A23D63
5-32 VDC
RN 1B23D30
RN 1B23D50
RN 1B23D63
24-230 ± 15% VAC/DC
RN 1A23A30
RN 1A23A50
RN 1A23A63
400/480 VAC
5-32 VDC
RN 1A48D30
RN 1A48D50
RN 1A48D63
5-32 VDC
RN 1B48D30
RN 1B48D50
RN 1B48D63
24-230 ± 15% VAC/DC
RN 1A48A30
RN 1A48A50
RN 1A48A63
Type Selection, 2 Pole
Rated operational
Control voltage
Rated operational current
voltage
AC51: 30 A Total
AC51: 50 A Total
AC53a: 6 A
AC53a: 12 A
230 VAC
5-32 VDC
RN 2A23D30
RN 2A23D50
5-32 VDC
RN 2B23D30
RN 2B23D50
24-265 VAC/DC
RN 2A23A30
RN 2A23A50
400/480 VAC
5-32 VDC
RN 2A48D30
RN 2A48D50
5-32 VDC
RN 2B48D30
RN 2B48D50
24-265 VAC/DC
RN 2A48A30
RN 2A48A50


Similar Part No. - RN1A48D50

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RN100-482.505DN RECOM-RN100-482.505DN Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RN100-482.53.3DN RECOM-RN100-482.53.3DN Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
RN100-483.305DN RECOM-RN100-483.305DN Datasheet
90Kb / 6P
   100 Watt Isolated Single & Dual Output
logo
Toshiba Semiconductor
RN1001 TOSHIBA-RN1001 Datasheet
253Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1002 TOSHIBA-RN1002 Datasheet
253Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Similar Description - RN1A48D50

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SOR86707WF CELDUC-SOR86707WF Datasheet
590Kb / 6P
   Power Solid State Relay with integrated heatsink
logo
PHOENIX CONTACT
EMG30I PHOENIX-EMG30I Datasheet
44Kb / 2P
   VARIOFACE 2-channel module with solid state relays
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
   1 Form A Solid-State Relays
March 21, 2001-14
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com