Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD233DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233DR
Description  3.3-V CAN TRANSCEIVERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD233DR Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD233DR Datasheet HTML 1Page - Texas Instruments SN65HVD233DR Datasheet HTML 2Page - Texas Instruments SN65HVD233DR Datasheet HTML 3Page - Texas Instruments SN65HVD233DR Datasheet HTML 4Page - Texas Instruments SN65HVD233DR Datasheet HTML 5Page - Texas Instruments SN65HVD233DR Datasheet HTML 6Page - Texas Instruments SN65HVD233DR Datasheet HTML 7Page - Texas Instruments SN65HVD233DR Datasheet HTML 8Page - Texas Instruments SN65HVD233DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SN65HVD233
SN65HVD234
SN65HVD235
SLLS557D − NOVEMBER 2002 REVISED JUNE 2005
www.ti.com
2
DESCRIPTION (Continued)
If the common-mode range is restricted to the ISO-11898 Standard range of –2 V to 7 V, up to 120 nodes may be connected
on a bus. These transceivers interface the single-ended CAN controller with the differential CAN bus found in industrial,
building automation, and automotive applications.
The RS, pin 8 of the SN65HVD233, SN65HVD234, and SN65HVD235 provides for three modes of operation: high-speed,
slope control, or low-power standby mode. The high-speed mode of operation is selected by connecting pin 8 directly to
ground, allowing the driver output transistors to switch on and off as fast as possible with no limitation on the rise and fall
slope. The rise and fall slope can be adjusted by connecting a resistor to ground at pin 8, since the slope is proportional
to the pin’s output current. Slope control is implemented with a resistor value of 10 k
Ω to achieve a slew rate of ≈15 V/us
and a value of 100 k
Ω to achieve ≈ 2.0 V/µs slew rate. For more information about slope control, refer to the application
information section.
The SN65HVD233, SN65HVD234, and SN65HVD235 enter a low-current standby mode during which the driver is
switched off and the receiver remains active if a high logic level is applied to pin 8. The local protocol controller reverses
this low-current standby mode when it needs to transmit to the bus.
A logic high on the loopback LBK pin 5 of the SN65HVD233 places the bus output and bus input in a high-impedance state.
The remaining circuit remains active and available for driver to receiver loopback, self-diagnostic node functions without
disturbing the bus.
The SN65HVD234 enters an ultralow-current sleep mode in which both the driver and receiver circuits are deactivated if
a low logic level is applied to EN pin 5. The device remains in this sleep mode until the circuit is reactivated by applying
a high logic level to pin 5.
The AB pin 5 of the SN65HVD235 implements a bus listen-only loopback feature which allows the local node controller
to synchronize its baud rate with that of the CAN bus. In autobaud mode, the driver’s bus output is placed in a
high-impedance state while the receiver’s bus input remains active. For more information on the autobaud mode, refer to
the application information section.


Similar Part No. - SN65HVD233DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233DR TI-SN65HVD233DR Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DR TI1-SN65HVD233DR Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DR TI-SN65HVD233DR Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DR TI-SN65HVD233DR Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DRG4 TI-SN65HVD233DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD233DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com