Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JHS-114PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # JHS-114PIN
Description  Quadrature Hybrid, 20 - 40 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JHS-114PIN Datasheet(HTML) 2 Page - Tyco Electronics

  JHS-114PIN Datasheet HTML 1Page - Tyco Electronics JHS-114PIN Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
,
& -
.
/ &
='3 3 (1%
% !!
>
='3 3 *-6
% !!
>
='3 3
1%
% !!
>
='3 3 1
% !!
>
0$
1
2
& 3 &


Similar Part No. - JHS-114PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JHS-114PIN MACOM-JHS-114PIN Datasheet
57Kb / 2P
   Surface Mount Quadrature Hybrid 20 - 40 MHz
logo
M/A-COM Technology Solu...
JHS-114PIN MA-COM-JHS-114PIN Datasheet
99Kb / 3P
   Quadrature Hybrid, 20 - 40 MHz
More results

Similar Description - JHS-114PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
JH-114 MA-COM-JH-114 Datasheet
99Kb / 3P
   Quadrature Hybrid, 20 - 40 MHz
logo
Tyco Electronics
JHS-114 MACOM-JHS-114 Datasheet
57Kb / 2P
   Surface Mount Quadrature Hybrid 20 - 40 MHz
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
   Quadrature Hybrid 20 - 140 MHz
logo
SYNERGY MICROWAVE CORPO...
SLQ-K02 SYNERGY-SLQ-K02 Datasheet
82Kb / 2P
   QUADRATURE HYBRID OCTAVE BANDWIDTH 40 - 80 MHz
logo
Tyco Electronics
JH-115 MACOM-JH-115 Datasheet
172Kb / 2P
   Surface Mount Quadrature Hybrid, 40 - 80 MHz
logo
M/A-COM Technology Solu...
JH-115 MA-COM-JH-115 Datasheet
62Kb / 3P
   Surface Mount Quadrature Hybrid, 40 - 80 MHz
logo
Tyco Electronics
JHS-115 MACOM-JHS-115 Datasheet
111Kb / 2P
   Surface Mount Quadrature Hybrid 40 - 80 MHz
JH-131 MACOM-JH-131 Datasheet
99Kb / 2P
   Three-Port Quadrature Hybrid 20 - 200 MHz
JH-131 MACOM-JH-131_1 Datasheet
243Kb / 2P
   Three-Port Quadrature Hybrid, 20 - 200 MHz
logo
M/A-COM Technology Solu...
JH-131 MA-COM-JH-131 Datasheet
80Kb / 2P
   Three-Port Quadrature Hybrid, 20 - 200 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com