Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH-6-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # JH-6-4
Description  Quadrature Hybrid, 2 - 32 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JH-6-4 Datasheet(HTML) 1 Page - Tyco Electronics

  JH-6-4 Datasheet HTML 1Page - Tyco Electronics JH-6-4 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
% &
" ' ( !
)
*+ ,
-
$
. &
!
/ #
!
0"
1
/
!#$ 2
+ -
-/
)3* .4
*
! !5 6&
7
!"
#
$%
&
' (') *+
/!
! )
8
$# !59
( -
/
!
( - !
6 # $
(
!
( -
*+ , 86 2
9
-
. &
!
:$
$
-
;6
#
!
## <
"
0"
$
!
#
!


Similar Part No. - JH-6-4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
JH-6-4 MA-COM-JH-6-4 Datasheet
69Kb / 2P
   Quadrature Hybrid, 2 - 32 MHz
JH-6-4BNC MA-COM-JH-6-4BNC Datasheet
69Kb / 2P
   Quadrature Hybrid, 2 - 32 MHz
JH-6-4N MA-COM-JH-6-4N Datasheet
69Kb / 2P
   Quadrature Hybrid, 2 - 32 MHz
JH-6-4SMA MA-COM-JH-6-4SMA Datasheet
69Kb / 2P
   Quadrature Hybrid, 2 - 32 MHz
JH-6-4TNC MA-COM-JH-6-4TNC Datasheet
69Kb / 2P
   Quadrature Hybrid, 2 - 32 MHz
More results

Similar Description - JH-6-4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
JH-6-4 MA-COM-JH-6-4 Datasheet
69Kb / 2P
   Quadrature Hybrid, 2 - 32 MHz
logo
Tyco Electronics
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
   Quadrature Hybrid 20 - 140 MHz
JHS-119 MACOM-JHS-119 Datasheet
78Kb / 2P
   Quadrature Hybrid 80 - 160 MHz
JHS-139 MACOM-JHS-139 Datasheet
95Kb / 2P
   Quadrature Hybrid 250 - 500 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
JH-119 MACOM-JH-119 Datasheet
172Kb / 2P
   Quadrature Hybrid, 80 - 160 MHz
JH-113 MACOM-JH-113 Datasheet
133Kb / 3P
   Quadrature Hybrid, 7 - 14 MHz
logo
M/A-COM Technology Solu...
JH-113 MA-COM-JH-113 Datasheet
90Kb / 3P
   Quadrature Hybrid, 7 - 14 MHz
JH-114 MA-COM-JH-114 Datasheet
99Kb / 3P
   Quadrature Hybrid, 20 - 40 MHz
JH-136 MA-COM-JH-136 Datasheet
93Kb / 3P
   Quadrature Hybrid, 175 - 350 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com