Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JHS-136PIN Datasheet(PDF) 1 Page - Tyco Electronics

Part # JHS-136PIN
Description  Quadrature Hybrid, 175 - 350 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JHS-136PIN Datasheet(HTML) 1 Page - Tyco Electronics

  JHS-136PIN Datasheet HTML 1Page - Tyco Electronics JHS-136PIN Datasheet HTML 2Page - Tyco Electronics JHS-136PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Quadrature Hybrid,
175 - 350 MHz
JH-/JHS-136
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
Features
Fully Hermetic Package
Octave Bandwidth
Low VSWR: 1.2:1 Typical
Impedance: 50 Ohms Nominal
Input Power: 4 Watts Max.@ 25°C, Derated to 1
Watt @ 85
oC
MIL-STD-202 Screening Available
Description
3 dB Hybrids are ideal for dividing a signal into two
signals of equal amplitude and a constant 90
o or
180
o
phase
differential
and
for
Quadrature
combining
or
performing
summation/differential
combining.
FP-2 (JH-136)
SF-1 (JHS-136)
Pin Configuration (JH-136)
Pin No.
Function
Pin No.
Function
1
A
5
D
2
GND
6
GND
3
GND
7
GND
4
B
8
C
Pin Configuration (JHS-136)
Pin No.
Function
Pin No.
Function
1
A
3
D
2
B
4
C


Similar Part No. - JHS-136PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
JHS-136PIN MA-COM-JHS-136PIN Datasheet
93Kb / 3P
   Quadrature Hybrid, 175 - 350 MHz
More results

Similar Description - JHS-136PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
JH-136 MA-COM-JH-136 Datasheet
93Kb / 3P
   Quadrature Hybrid, 175 - 350 MHz
logo
Tyco Electronics
JHS-136 MACOM-JHS-136 Datasheet
133Kb / 2P
   Quadrature Hybrid 175 - 350 MHz
JH-10-4 MACOM-JH-10-4 Datasheet
81Kb / 2P
   Quadrature Hybrid 20 - 140 MHz
JHS-119 MACOM-JHS-119 Datasheet
78Kb / 2P
   Quadrature Hybrid 80 - 160 MHz
JHS-139 MACOM-JHS-139 Datasheet
95Kb / 2P
   Quadrature Hybrid 250 - 500 MHz
JH-114 MACOM-JH-114 Datasheet
172Kb / 2P
   Quadrature Hybrid, 20 - 40 MHz
JH-119 MACOM-JH-119 Datasheet
172Kb / 2P
   Quadrature Hybrid, 80 - 160 MHz
JH-6-4 MACOM-JH-6-4 Datasheet
172Kb / 2P
   Quadrature Hybrid, 2 - 32 MHz
JH-113 MACOM-JH-113 Datasheet
133Kb / 3P
   Quadrature Hybrid, 7 - 14 MHz
logo
M/A-COM Technology Solu...
JH-113 MA-COM-JH-113 Datasheet
90Kb / 3P
   Quadrature Hybrid, 7 - 14 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com