Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST45LF010-10-4C-QA Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST45LF010-10-4C-QA
Description  1 Mbit Serial Flash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST45LF010-10-4C-QA Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST45LF010-10-4C-QA Datasheet HTML 2Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 3Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 4Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 5Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 6Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 7Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 8Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 9Page - Silicon Storage Technology, Inc SST45LF010-10-4C-QA Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Data Sheet
1 Mbit Serial Flash
SST45LF010
©2003 Silicon Storage Technology, Inc.
S71128-04-000
3/03
372
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V
Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Lead Soldering Temperature (3 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240°C
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
3.0-3.6V
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . . 5 ns
Output Load . . . . . . . . . . . . . . . . . . . . . CL = 30 pF
See Figures 3 and 4
TABLE
5: DC OPERATING CHARACTERISTICS VDD = 3.0-3.6V
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Active VDD Current
SCK input=VILT/VIHT at f=10 MHz Max
Read
20
mA
CE#=VIL, VDD=VDD Max
Program and Erase
30
mA
CE#=VIL, VDD=VDD Max
ISB
Standby VDD Current
15
µA
CE#=VIHC, VDD=VDD Max
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
1
µA
VOUT=GND to VDD, VDD=VDD Max
IIL
Input Low Current1
1. This parameter only applies to WP# and RST# pins.
360
µA
WP#, RST#=GND
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VIH
Input High Voltage
0.7 VDD
VVDD=VDD Max
VIHC
Input High Voltage (CMOS)
VDD-0.3
V
VDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH=-100 µA, VDD=VDD Min
T5.4 372


Similar Part No. - SST45LF010-10-4C-QA

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST45LF010-10-4C-QA SST-SST45LF010-10-4C-QA Datasheet
181Kb / 14P
   1 Megabit Serial Flash
More results

Similar Description - SST45LF010-10-4C-QA

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010 SST-SST25VF010_06 Datasheet
303Kb / 22P
   1 Mbit SPI Serial Flash
SST25VF010A SST-SST25VF010A Datasheet
292Kb / 25P
   1 Mbit SPI Serial Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
   512 Kbit / 1 Mbit / 2 Mbit Serial Flash
logo
Eon Silicon Solution In...
EN25P10 EON-EN25P10 Datasheet
385Kb / 31P
   1 Mbit Uniform Sector, Serial Flash Memory
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Renesas Technology Corp
AT25EU0011A RENESAS-AT25EU0011A Datasheet
2Mb / 58P
   1-Mbit, Ultra-Low Energy Serial Flash Memory
May 19, 2022
logo
Dialog Semiconductor
AT25EU0011A DIALOG-AT25EU0011A Datasheet
1Mb / 62P
   1-Mbit, Ultra-Low Energy Serial Flash Memory
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512_10 Datasheet
887Kb / 32P
   512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com