Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHB55N03 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHB55N03
Description  N-channel TrenchMOS transistor Logic level FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHB55N03 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PHB55N03 Datasheet HTML 2Page - NXP Semiconductors PHB55N03 Datasheet HTML 3Page - NXP Semiconductors PHB55N03 Datasheet HTML 4Page - NXP Semiconductors PHB55N03 Datasheet HTML 5Page - NXP Semiconductors PHB55N03 Datasheet HTML 6Page - NXP Semiconductors PHB55N03 Datasheet HTML 7Page - NXP Semiconductors PHB55N03 Datasheet HTML 8Page - NXP Semiconductors PHB55N03 Datasheet HTML 9Page - NXP Semiconductors PHB55N03 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHP55N03LT, PHB55N03LT
Logic level FET
PHD55N03LT
MECHANICAL DATA
Fig.15. SOT78 (TO220AB); pin 2 connected to mounting base (Net mass:2g)
Notes
1. This product is supplied in anti-static packaging. The gate-source input must be protected against static
discharge during transport or handling.
2. Refer to mounting instructions for SOT78 (TO220AB) package.
3. Epoxy meets UL94 V0 at 1/8".
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT78
TO-220
D
D1
q
P
L
12
3
L2
(1)
b1
e
e
b
0
5
10 mm
scale
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220
SOT78
DIMENSIONS (mm are the original dimensions)
A
E
A1
c
Note
1. Terminals in this zone are not tinned.
Q
L1
UNIT
A1
b1
D1
e
P
mm
2.54
qQ
A
b
D
c
L2
(1)
max.
3.0
3.8
3.6
15.0
13.5
3.30
2.79
3.0
2.7
2.6
2.2
0.7
0.4
15.8
15.2
0.9
0.7
1.3
1.0
4.5
4.1
1.39
1.27
6.4
5.9
10.3
9.7
L1
E
L
97-06-11
October 1999
6
Rev 1.200


Similar Part No. - PHB55N03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHB55N03 PHILIPS-PHB55N03 Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHB55N03LTA PHILIPS-PHB55N03LTA Datasheet
296Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 02-2 August 2001
logo
VBsemi Electronics Co.,...
PHB55N03LTA VBSEMI-PHB55N03LTA Datasheet
1,014Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
NXP Semiconductors
PHB55N03T PHILIPS-PHB55N03T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
More results

Similar Description - PHB55N03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP69N03LT PHILIPS-PHP69N03LT Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
PHP50N03LT PHILIPS-PHP50N03LT Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.800
PHP11N06LT PHILIPS-PHP11N06LT Datasheet
114Kb / 12P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.000
PHP87N03LT PHILIPS-PHP87N03LT Datasheet
102Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
logo
Nexperia B.V. All right...
BSS123 NEXPERIA-BSS123 Datasheet
143Kb / 5P
   N-channel TrenchMOS transistor Logic level FET
August 2000
logo
NXP Semiconductors
PHB11N03LT PHILIPS-PHB11N03LT Datasheet
105Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
September 1999 Rev 1.000
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com