Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHB60N06LT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHB60N06LT
Description  TrenchMOS transistor Logic level FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHB60N06LT Datasheet(HTML) 1 Page - NXP Semiconductors

  PHB60N06LT Datasheet HTML 1Page - NXP Semiconductors PHB60N06LT Datasheet HTML 2Page - NXP Semiconductors PHB60N06LT Datasheet HTML 3Page - NXP Semiconductors PHB60N06LT Datasheet HTML 4Page - NXP Semiconductors PHB60N06LT Datasheet HTML 5Page - NXP Semiconductors PHB60N06LT Datasheet HTML 6Page - NXP Semiconductors PHB60N06LT Datasheet HTML 7Page - NXP Semiconductors PHB60N06LT Datasheet HTML 8Page - NXP Semiconductors PHB60N06LT Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
PHP60N06LT, PHB60N06LT
Logic level FET
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
V
DSS = 55 V
• Very low on-state resistance
• Fast switching
I
D = 58 A
• Stable off-state characteristics
• High thermal cycling performance
R
DS(ON) ≤ 20 mΩ (VGS = 5 V)
• Low thermal resistance
R
DS(ON) ≤ 18 mΩ (VGS = 10 V)
GENERAL DESCRIPTION
N-channel enhancement mode, logic level, field-effect power transistor in a plastic envelope using ’trench’ technology.
The device has very low on-state resistance. It is intended for use in dc to dc converters and general purpose switching
applications.
The PHP60N06LT is supplied in the SOT78 (TO220AB) conventional leaded package.
The PHB60N06LT is supplied in the SOT404 surface mounting package.
PINNING
SOT78 (TO220AB)
SOT404
PIN
DESCRIPTION
1
gate
2
drain
1
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 175˚C
-
55
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 175˚C; RGS = 20 kΩ
-55
V
V
GS
Gate-source voltage
-
± 13
V
I
D
Continuous drain current
T
mb = 25 ˚C
-
58
A
T
mb = 100 ˚C
-
40
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
232
A
P
D
Total power dissipation
T
mb = 25 ˚C
-
150
W
T
j, Tstg
Operating junction and
- 55
175
˚C
storage temperature
d
g
s
13
tab
2
12 3
tab
1 It is not possible to make connection to pin 2 of the SOT404 package.
January 1998
1
Rev 1.300


Similar Part No. - PHB60N06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHB60N06T PHILIPS-PHB60N06T Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results

Similar Description - PHB60N06LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com