Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH16V7245BATJ-6 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # MH16V7245BATJ-6
Description  HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH16V7245BATJ-6 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button MH16V7245BATJ-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH16V7245BATJ-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH16V7245BATJ-6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH16V7245BATJ-6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH16V7245BATJ-6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH16V7245BATJ-6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH16V7245BATJ-6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH16V7245BATJ-6 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MH16V7245BATJ-6 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
MITSUBISHI LSIs
MH16V7245BATJ -5, -6
Preliminary Spec.
MITSUBISHI
ELECTRIC
5/Nov./1998
HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MIT-DS-0277-0.0
(
/ 23 )
7
Read and Refresh Cycles
Limits
Parameter
Symbol
Unit
(Note 22)
Write Cycle (Early Write and Delayed Write)
(Note 22)
Limits
Parameter
Symbol
Unit
(Note 24)
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tWC
tRAS
tCAS
tCSH
tRSH
tWCS
tWCH
tCWL
tRWL
tWP
tDS
tDH
Write cycle time
/RAS iow pulse width
/CAS iow pulse width
/CAS hold time after /RAS iow
Write setup time before /CAS low
Write hold time after /CAS iow
/RAS hold time after /CAS iow
/CAS hold time after /W iow
/RAS hold time after W iow
Data setup time before /CAS iow or W iow
Data hold time after /CAS iow or W iow
Write pulse width
Note 22: Either tRCH or tRRH must be satisfied for a read cycle.
-6
10000
10000
Min
Max
10000
10000
10
0
104
60
10
35
20
10
10
-5
15
-6
Min
Max
tRC
tRAS
tCAS
tCSH
tRSH
tRCS
tRCH
tRRH
tRAL
tOCH
tORH
tCAL
Read cycle time
/RAS iow pulse width
/CAS iow pulse width
/CAS hold time after /RAS iow
Read Setup time after /CAS high
Read hold time after /CAS iow
/RAS hold time after /CAS iow
Read hold time after /RAS iow
Column address to /RAS hold time
/CAS hold time after /OE iow
/RAS hold time after /OE iow
Column address to /CAS hold time
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
0
0
104
60
10
43
20
0
35
15
20
Read-Write and Read-Modify-Write Cycles
Limits
Parameter
Symbol
Unit
(Note23)
(Note24)
Read write/read modify write cycle time
RAS iow pulse width
CAS iow pulse width
CAS hold time after RAS low
RAS hold time after CAS low
Read setup time before CAS low
Delay time, CAS iow to W iow
Delay time, RAS iow to W iow
Delay time, address to W iow
OE hold time after W iow
tRWC
tRAS
tCAS
tCSH
tRSH
tRCS
tCWD
tRWD
tAWD
tOEH
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
(Note24)
(Note24)
Note 23: tRWC is specified as tRWC(min)=tRAC(max)+tODD(min)+tRWL(min)+tRP(min)+4tT.
24: tWCS, tCWD,tRWD ,tAWD and,tCPWD are specified as reference points only. If tWCS
≥tWCS(min) the cycle is an early write cycle
and the DQ pins will remain high impedance throughout the entire cycle. If tCWD
≥tCWD(min), tRWD≥tRWD (min), tAWD≥tAWD(min)
and tCPWD
≥tCPWD(min) (for Hyper page mode cycle only), the cycle is a read-modify-write cycle and the DQ will contain the
data read from the selected address. If neither of the above condition (delayed write) of the DQ (at access time and until /CAS or /OE
goes back to VIH) is indeteminate.
Min
Max
-6
10000
10000
49
133
44
77
0
32
72
47
15
89
18
15
-5
Min
0
0
84
50
8
30
18
0
30
13
18
13
10000
10000
Max
10000
10000
8
0
84
50
8
30
18
8
8
-5
13
Min
Max
13
-5
Min
Max
-5
10000
10000
43
109
38
65
0
28
60
40
13
75


Similar Part No. - MH16V7245BATJ-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16V7245BWJ-5 MITSUBISHI-MH16V7245BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V7245BWJ-6 MITSUBISHI-MH16V7245BWJ-6 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
More results

Similar Description - MH16V7245BATJ-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V725BWJ-5 MITSUBISHI-MH16V725BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V7245BWJ-5 MITSUBISHI-MH16V7245BWJ-5 Datasheet
129Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V724AWJ-5 MITSUBISHI-MH16V724AWJ-5 Datasheet
189Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16S72PJB-7 MITSUBISHI-MH16S72PJB-7 Datasheet
733Kb / 56P
   1207959552-BIT ( 16777216-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH16V6445BWJ-5 MITSUBISHI-MH16V6445BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V645BWJ-5 MITSUBISHI-MH16V645BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16S72BAMD-7 MITSUBISHI-MH16S72BAMD-7 Datasheet
592Kb / 55P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
MH16S72AMA-8 MITSUBISHI-MH16S72AMA-8 Datasheet
1Mb / 52P
   1207959552-BIT (16777216 - WORD BY 72-BIT)SynchronousDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com