Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHD66NQ03LT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PHD66NQ03LT
Description  N-channel TrenchMOS transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHD66NQ03LT Datasheet(HTML) 5 Page - NXP Semiconductors

  PHD66NQ03LT Datasheet HTML 1Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 2Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 3Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 4Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 5Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 6Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 7Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 8Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Philips Semiconductors
PHP/PHB/PHD66NQ03LT
N-channel TrenchMOS transistor
Product data
Rev. 02 — 10 December 2001
5 of 14
9397 750 09119
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 0.25 mA; VGS =0V
Tj =25 °C
25
--V
Tj = −55 °C
22
--V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS; Figure 9
Tj =25 °C
1
1.5
2
V
Tj = 175 °C
0.5
-
-
V
Tj = −55 °C
-
-
2.3
V
IDSS
drain-source leakage current
VDS =25V; VGS =0V
Tj =25 °C
-
0.05
10
µA
Tj = 175 °C
-
-
500
µA
IGSS
gate-source leakage current
VGS = ±5 V; VDS = 0 V
-
10
100
nA
RDSon
drain-source on-state resistance
VGS =5V; ID =25A; Figure 7 and 8
Tj =25 °C
-
12.3
16
m
Tj = 175 °C
-
22.1
28.8
m
VGS =10V; ID =25A
Tj =25 °C
-
9.1
12
m
Dynamic characteristics
gfs
forward transconductance
VDS =25V; ID =30A
-
40
-
S
Qg(tot)
total gate charge
ID = 50 A; VDD =15V; VGS =5V; Figure 13
-
13.5
-
nC
Qgs
gate-source charge
-
7
-
nC
Qgd
gate-drain (Miller) charge
-
3.9
-
nC
Ciss
input capacitance
VGS =0V; VDS = 25 V; f = 1 MHz; Figure 11
-
1150 -
pF
Coss
output capacitance
-
330
-
pF
Crss
reverse transfer capacitance
-
180
-
pF
td(on)
turn-on delay time
VDD =15V; ID = 25 A; VGS =5V;
RG = 5.6 Ω; resistive load
-
1525ns
tr
rise time
-
90
135
ns
td(off)
turn-off delay time
-
25
40
ns
tf
fall time
-
2540ns
Source-drain diode
VSD
source-drain (diode forward) voltage IS = 25 A; VGS =0V; Figure 12
-
0.95
1.2
V
trr
reverse recovery time
IS = 10 A; dIS/dt = −100 A/µs; VGS =0V
-
32
-
ns
Qr
recovered charge
-
20
-
nC


Similar Part No. - PHD66NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD66NQ03LT NXP-PHD66NQ03LT Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 07-30 June 2009
More results

Similar Description - PHD66NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com