Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHD66NQ03LT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PHD66NQ03LT
Description  N-channel TrenchMOS transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHD66NQ03LT Datasheet(HTML) 3 Page - NXP Semiconductors

  PHD66NQ03LT Datasheet HTML 1Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 2Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 3Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 4Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 5Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 6Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 7Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 8Page - NXP Semiconductors PHD66NQ03LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
PHP/PHB/PHD66NQ03LT
N-channel TrenchMOS transistor
Product data
Rev. 02 — 10 December 2001
3 of 14
9397 750 09119
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Fig 1.
Normalized total power dissipation as a
function of mounting base temperature.
Fig 2.
Normalized continuous drain current as a
function of mounting base temperature.
Tmb =25 °C; IDM is single pulse; VGS =5V.
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03aa16
0
40
80
120
0
50
100
150
200
Tmb (
oC)
Pder
(%)
03aa24
0
40
80
120
0
50
100
150
200
Tmb (
oC)
I der
(%)
P
der
P
tot
P
tot 25 C
°
()
-----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
03ag19
1
10
102
103
1
10
102
VDS (V)
ID
(A)
tp = 10 µs
DC
100 ms
10 ms
RDSon = VDS / ID
1 ms
100 µs


Similar Part No. - PHD66NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD66NQ03LT NXP-PHD66NQ03LT Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 07-30 June 2009
More results

Similar Description - PHD66NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com