Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHD69N03LT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHD69N03LT
Description  N-channel TrenchMOS transistor Logic level FET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHD69N03LT Datasheet(HTML) 2 Page - NXP Semiconductors

  PHD69N03LT Datasheet HTML 1Page - NXP Semiconductors PHD69N03LT Datasheet HTML 2Page - NXP Semiconductors PHD69N03LT Datasheet HTML 3Page - NXP Semiconductors PHD69N03LT Datasheet HTML 4Page - NXP Semiconductors PHD69N03LT Datasheet HTML 5Page - NXP Semiconductors PHD69N03LT Datasheet HTML 6Page - NXP Semiconductors PHD69N03LT Datasheet HTML 7Page - NXP Semiconductors PHD69N03LT Datasheet HTML 8Page - NXP Semiconductors PHD69N03LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
PHP69N03LT, PHB69N03LTT
Logic level FET
PHD69N03LT
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-mb
Thermal resistance junction
-
-
1.2
K/W
to mounting base
R
th j-a
Thermal resistance junction
SOT78 package, in free air
-
60
-
K/W
to ambient
SOT404 and SOT428 packages, pcb
-
50
-
K/W
mounted, minimum footprint
AVALANCHE LIMITING VALUE
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 25 A; VDD ≤ 15 V;
-
60
mJ
unclamped inductive turn-off
V
GS = 5 V; RGS = 50 Ω; Tmb = 25 ˚C
energy
ELECTRICAL CHARACTERISTICS
T
j= 25˚C
unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA;
25
-
-
V
voltage
T
j = -55˚C
22
-
-
V
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
1
1.5
2
V
T
j = 175˚C
0.5
-
-
V
T
j = -55˚C
-
-
2.3
V
R
DS(ON)
Drain-source on-state
V
GS = 10 V; ID = 25 A
-
8.5
12
m
resistance
V
GS = 5 V; ID = 25 A
-
11
14
m
V
GS = 5 V; ID = 25 A; Tj = 175˚C
-
-
26
m
g
fs
Forward transconductance
V
DS = 25 V; ID = 25 A
12
40
-
S
I
GSS
Gate source leakage current V
GS = ±5 V; VDS = 0 V
-
10
100
nA
I
DSS
Zero gate voltage drain
V
DS = 25 V; VGS = 0 V;
-
0.05
10
µA
current
T
j = 175˚C
-
-
500
µA
Q
g(tot)
Total gate charge
I
D = 69 A; VDD = 15 V; VGS = 5 V
-
26
-
nC
Q
gs
Gate-source charge
-
7.6
-
nC
Q
gd
Gate-drain (Miller) charge
-
11
-
nC
t
d on
Turn-on delay time
V
DD = 15 V; ID = 25 A;
-
7
15
ns
t
r
Turn-on rise time
V
GS = 10 V; RG = 5 Ω
-50
75
ns
t
d off
Turn-off delay time
Resistive load
-
82
120
ns
t
f
Turn-off fall time
-
59
75
ns
L
d
Internal drain inductance
Measured tab to centre of die
-
3.5
-
nH
L
d
Internal drain inductance
Measured from drain lead to centre of die
-
4.5
-
nH
(SOT78 package only)
L
s
Internal source inductance
Measured from source lead to source
-
7.5
-
nH
bond pad
C
iss
Input capacitance
V
GS = 0 V; VDS = 20 V; f = 1 MHz
-
1700
-
pF
C
oss
Output capacitance
-
475
-
pF
C
rss
Feedback capacitance
-
300
-
pF
October 1999
2
Rev 1.600


Similar Part No. - PHD69N03LT

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
PHD69N03LT VBSEMI-PHD69N03LT Datasheet
1,018Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - PHD69N03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP21N06LT PHILIPS-PHP21N06LT Datasheet
112Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.500
PHN1018 PHILIPS-PHN1018 Datasheet
88Kb / 7P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP50N03LT PHILIPS-PHP50N03LT Datasheet
108Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.800
PHP55N03LT PHILIPS-PHP55N03LT Datasheet
107Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.200
PHP11N06LT PHILIPS-PHP11N06LT Datasheet
114Kb / 12P
   N-channel TrenchMOS transistor Logic level FET
August 1999 Rev 1.000
PHP87N03LT PHILIPS-PHP87N03LT Datasheet
102Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
October 1999 Rev 1.600
logo
Nexperia B.V. All right...
BSS123 NEXPERIA-BSS123 Datasheet
143Kb / 5P
   N-channel TrenchMOS transistor Logic level FET
August 2000
logo
NXP Semiconductors
PHB11N03LT PHILIPS-PHB11N03LT Datasheet
105Kb / 11P
   N-channel TrenchMOS transistor Logic level FET
September 1999 Rev 1.000
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com