Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F320BFHE-PTTL60 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LH28F320BFHE-PTTL60
Description  32M (x16) Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F320BFHE-PTTL60 Datasheet(HTML) 5 Page - Sharp Corporation

  LH28F320BFHE-PTTL60 Datasheet HTML 1Page - Sharp Corporation LH28F320BFHE-PTTL60 Datasheet HTML 2Page - Sharp Corporation LH28F320BFHE-PTTL60 Datasheet HTML 3Page - Sharp Corporation LH28F320BFHE-PTTL60 Datasheet HTML 4Page - Sharp Corporation LH28F320BFHE-PTTL60 Datasheet HTML 5Page - Sharp Corporation LH28F320BFHE-PTTL60 Datasheet HTML 6Page - Sharp Corporation LH28F320BFHE-PTTL60 Datasheet HTML 7Page - Sharp Corporation LH28F320BFHE-PTTL60 Datasheet HTML 8Page - Sharp Corporation LH28F320BFHE-PTTL60 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LHF32FB2
3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
48-LEAD TSOP
STANDARD PINOUT
12mm x 20mm
TOP VIEW
A15
A14
A13
A12
A11
A10
A9
A8
A19
A20
WE#
RST#
NC
WP#/ACC
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
NC
GND
DQ15
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE#
GND
CE#
A0
Figure 1. 48-Lead TSOP (Normal Bend) Pinout
Rev. 2.44


Similar Part No. - LH28F320BFHE-PTTL60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
More results

Similar Description - LH28F320BFHE-PTTL60

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZN SHARP-LH28F320BFHG-PBTLZN Datasheet
914Kb / 37P
   32M (x16) Flash Memory
LH28F320BFE-PTTL60 SHARP-LH28F320BFE-PTTL60 Datasheet
907Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZK SHARP-LH28F320BFHG-PTTLZK Datasheet
900Kb / 36P
   32M (x16) Flash Memory
LH28F320BFB-PTTL60 SHARP-LH28F320BFB-PTTL60 Datasheet
915Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZL SHARP-LH28F320BFHG-PBTLZL Datasheet
900Kb / 36P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com