Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF051MGC-28V-P Datasheet(PDF) 2 Page - Kingbright Corporation

Part # BLF051MGC-28V-P
Description  5mm FLANGE BASED LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

BLF051MGC-28V-P Datasheet(HTML) 2 Page - Kingbright Corporation

  BLF051MGC-28V-P Datasheet HTML 1Page - Kingbright Corporation BLF051MGC-28V-P Datasheet HTML 2Page - Kingbright Corporation BLF051MGC-28V-P Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO:DSAB3168
REV NO: V.2
DATE:APR/09/2003
PAGE: 2 OF 3
APPROVED: J.LU
CHECKED:Allen Liu
DRAWN: L.ZHANG
Electrical / Optical Characteristics at TA=25
°°°°°C
Absolute Maximum Ratings at TA=25
°°°°°C
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Selection Guide
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
V
8
2
=
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T
.
p
y
T
.
p
y
T.
p
y
T2
2
2
2
2
θθθθθ 2
/
12
/
1 2
/
1 2
/
12
/
1
P
-
V
8
2
-
C
G
M
1
5
0
F
L
B)
P
l
A
a
G
n
I
(
N
E
E
R
G
A
G
E
MR
A
E
L
C
R
E
T
A
W0
1
10
2
20
3
°
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T
.
p
y
T
.
p
y
T.
p
y
T.
x
a
M.
x
a
M
.
x
a
M
.
x
a
M.
x
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
Us
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
Pn
e
e
r
G
a
g
e
M4
7
5m
nVF
V
8
2
=
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
Dn
e
e
r
G
a
g
e
M8
6
5m
nVF
V
8
2
=
∆λ 2
/
1
h
t
d
i
w
-
f
l
a
H
e
n
i
L
l
a
r
t
c
e
p
Sn
e
e
r
G
a
g
e
M6
2m
nVF
V
8
2
=
I F
t
n
e
r
r
u
C
d
r
a
w
r
o
Fn
e
e
r
G
a
g
e
M1
.
9A
mVF
V
8
2
=
I R
t
n
e
r
r
u
C
e
s
r
e
v
e
Rn
e
e
r
G
a
g
e
M0
1A
uVR
V
5
=
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
n
e
e
r
G
a
g
e
Mn
e
e
r
G
a
g
e
M
n
e
e
r
G
a
g
e
M
n
e
e
r
G
a
g
e
Mn
e
e
r
G
a
g
e
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
0
5
3W
m
e
g
a
t
l
o
V
d
r
a
w
r
o
F
2
3V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
5V
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
0
4
-
°
0
7
+
o
T
C
°C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
0
4
-
°
5
8
+
o
T
C
°C


Similar Part No. - BLF051MGC-28V-P

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BLF051MGC-12V-P KINGBRIGHT-BLF051MGC-12V-P Datasheet
66Kb / 3P
   5mm FLANGE BASED LED LAMP
BLF051MGC-6V-P KINGBRIGHT-BLF051MGC-6V-P Datasheet
120Kb / 4P
   5mm FLANGE BASED LED LAMP
More results

Similar Description - BLF051MGC-28V-P

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BLF051MGC-6V-P KINGBRIGHT-BLF051MGC-6V-P Datasheet
120Kb / 4P
   5mm FLANGE BASED LED LAMP
BLF051SURC-E28V KINGBRIGHT-BLF051SURC-E28V Datasheet
68Kb / 3P
   5mm FLANGE BASED LED LAMP
BLF051SURC-E-6V KINGBRIGHT-BLF051SURC-E-6V Datasheet
68Kb / 3P
   5mm FLANGE BASED LED LAMP
BLF052SURC-E28V KINGBRIGHT-BLF052SURC-E28V Datasheet
67Kb / 3P
   5mm FLANGE BASED LED LAMP
BLFA054SECK-12V KINGBRIGHT-BLFA054SECK-12V Datasheet
79Kb / 3P
   5mm FLANGE BASED LED LAMP
BLFA054SURCK-6V KINGBRIGHT-BLFA054SURCK-6V Datasheet
79Kb / 3P
   5mm FLANGE BASED LED LAMP
BLFA054SYCK-6V KINGBRIGHT-BLFA054SYCK-6V Datasheet
80Kb / 3P
   5mm FLANGE BASED LED LAMP
BLFA054MWC-6V-P KINGBRIGHT-BLFA054MWC-6V-P Datasheet
77Kb / 2P
   5mm FLANGE BASED LED LAMP
BLF051SYC-28V-P KINGBRIGHT-BLF051SYC-28V-P Datasheet
67Kb / 3P
   5mm FLANGE BASED LED LAMP
BLF052MGC-6V-P KINGBRIGHT-BLF052MGC-6V-P Datasheet
66Kb / 3P
   5mm FLANGE BASED LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com