Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F320BFHG-PBTLZL Datasheet(PDF) 9 Page - Sharp Corporation

Part # LH28F320BFHG-PBTLZL
Description  32M (x16) Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F320BFHG-PBTLZL Datasheet(HTML) 9 Page - Sharp Corporation

Back Button LH28F320BFHG-PBTLZL Datasheet HTML 5Page - Sharp Corporation LH28F320BFHG-PBTLZL Datasheet HTML 6Page - Sharp Corporation LH28F320BFHG-PBTLZL Datasheet HTML 7Page - Sharp Corporation LH28F320BFHG-PBTLZL Datasheet HTML 8Page - Sharp Corporation LH28F320BFHG-PBTLZL Datasheet HTML 9Page - Sharp Corporation LH28F320BFHG-PBTLZL Datasheet HTML 10Page - Sharp Corporation LH28F320BFHG-PBTLZL Datasheet HTML 11Page - Sharp Corporation LH28F320BFHG-PBTLZL Datasheet HTML 12Page - Sharp Corporation LH28F320BFHG-PBTLZL Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LHF32FDK
7
NOTES:
1. The address A20-A16 are shown in below table for reading the manufacturer code, device code,
device configuration code and OTP data.
2. Bottom parameter device has its parameter blocks in the plane0 (The lowest address).
3. Block Address = The beginning location of a block address within the partition to which
the Read Identifier Codes/OTP command (90H) has been written.
DQ15-DQ2 are reserved for future implementation.
4. PCRC=Partition Configuration Register Code.
5. OTP-LK=OTP Block Lock configuration.
6. OTP=OTP Block data.
NOTES:
1. The address to read the identifier codes or OTP data is dependent on the partition which is selected
when writing the Read Identifier Codes/OTP command (90H).
2. Refer to Table 12 for the partition configuration register.
Table 3. Identifier Codes and OTP Address for Read Operation
Code
Address
[A15-A0]
Data
[DQ15-DQ0]
Notes
Manufacturer Code
Manufacturer Code
0000H
00B0H
1
Device Code
Bottom Parameter Device Code
0001H
00B5H
1, 2
Block Lock Configuration
Code
Block is Unlocked
Block
Address
+ 2
DQ0 = 0
3
Block is Locked
DQ0 = 1
3
Block is not Locked-Down
DQ1 = 0
3
Block is Locked-Down
DQ1 = 1
3
Device Configuration Code
Partition Configuration Register
0006H
PCRC
1, 4
OTP
OTP Lock
0080H
OTP-LK
1, 5
OTP
0081-0088H
OTP
1, 6
Table 4. Identifier Codes and OTP Address for Read Operation on Partition Configuration(1) (32M-bit device)
Partition Configuration Register (2)
Address (32M-bit device)
PCR.10
PCR.9
PCR.8
[A20-A16]
0
0
0
00H
0
0
1
00H or 08H
0
1
0
00H or 10H
1
0
0
00H or 18H
0
1
1
00H or 08H or 10H
1
1
0
00H or 10H or 18H
1
0
1
00H or 08H or 18H
1
1
1
00H or 08H or 10H or 18H
Rev. 2.44


Similar Part No. - LH28F320BFHG-PBTLZL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFHG-PBTLZN SHARP-LH28F320BFHG-PBTLZN Datasheet
914Kb / 37P
   32M (x16) Flash Memory
More results

Similar Description - LH28F320BFHG-PBTLZL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTL60 SHARP-LH28F320BFHE-PTTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZN SHARP-LH28F320BFHG-PBTLZN Datasheet
914Kb / 37P
   32M (x16) Flash Memory
LH28F320BFE-PTTL60 SHARP-LH28F320BFE-PTTL60 Datasheet
907Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZK SHARP-LH28F320BFHG-PTTLZK Datasheet
900Kb / 36P
   32M (x16) Flash Memory
LH28F320BFB-PTTL60 SHARP-LH28F320BFB-PTTL60 Datasheet
915Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com