Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NACNW3.3K10V4X5.5TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACNW3.3K10V4X5.5TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACNW3.3K10V4X5.5TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACNW3.3K10V4X5.5TR13F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
31
®
NIC COMPONENTS CORP.
.niccomp.
.lowESR.
.RFpassives.
w.SMTmagnetics.
Surface Mount Aluminum Electrolytic Capacitors NACNW Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• NON-POLARIZED, 1000 HOURS AT 105OC
• 5.5mm HEIGHT
• ANTI-SOLVENT (2 MINUTES)
• DESIGNED FOR REFLOW SOLDERING
CHARACTERISTICS
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
NACNW
100 M 16V 5x5.5 TR 13 F
RoHS Compliant
97% Sn (min.),
3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in µF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10µF
Series
RoHS Compliant
97% Sn (min.),
3% Bi (max.)
330mm (13”) Reel
330mm (13”) Reel
330mm (13”) Reel
RoHS Compliant
97% Sn (min.),
3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Tape & Reel
Tape & Reel
RoHS Compliant
97% Sn (min.),
3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Size in mm
Size in mm
RoHS Compliant
97% Sn (min.),
3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Working Voltage
Working Voltage
RoHS Compliant
97% Sn (min.),
3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
Third digit is no. of zeros, “R” indicates decimal for
values under 10
Series
Series
Series
RoHS Compliant
97% Sn (min.),
3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Capacitance Code in
Capacitance Code in
Capacitance Code in
RoHS Compliant
97% Sn (min.),
3% Bi (max.)
330mm (13”) Reel
Tape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%, K=10%
Tolerance Code M=20%, K=10%
Tolerance Code M=20%, K=10%
RoHS Compliant
RoHS Compliant
RoHS Compliant
PART NUMBER SYSTEM
DIMENSIONS (mm)
0.3mm max.
L
I
I
W
P
A
B
Cap.
(µF)
Working
Voltage
Case
Size
Max. ESR (Ω)
AT 120Hz/20°C
Max. Ripple Current (mA rms)
AT 120Hz/105°C
22
6.3Vdc
5X5.5
18.09
22
33
6.3X5.5
12.06
27
47
6.3X5.5
8.47
33
10
10Vdc
4X5.5
36.49
12
22
6.3X5.5
16.59
25
33
6.3X5.5
11.06
30
4.7
16Vdc
4X5.5
70.58
8
10
5X5.5
33.17
17
22
6.3X5.5
15.08
27
33
6.3X5.5
10.05
40
3.3
25Vdc
4X5.5
100.53
7
4.7
5X5.5
70.58
13
10
6.3X5.5
33.17
20
2.2
35Vdc
4X5.5
150.79
5.9
3.3
5X5.5
100.53
12
4.7
5X5.5
70.58
14
10
6.3X5.5
33.17
21
0.1
50Vdc
4X5.5
2985.67
0.7
0.22
4X5.5
1357.12
1.6
0.33
4X5.5
904.75
2.4
0.47
4X5.5
635.25
3.5
1.0
4X5.5
298.57
7
2.2
5X5.5
135.71
10
3.3
5X5.5
90.47
13
4.7
6.3X5.5
63.52
16
Case Size Dφ ± 0.5 L max. A ± 0.2 I ± 0.2
W
P ± 0.2
4x5.5
4.0
5.5
4.3
1.8
0.5 ~ 0.8
1.0
5x5.5
5.0
5.5
5.3
2.1
0.5 ~ 0.8
1.4
6.3x5.5
6.3
5.5
6.6
2.5
0.5 ~ 0.8
2.2
STANDARD VALUES, CASE SIZES & SPECIFICATIONS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
6.3 ~ 50Vcc
Rated Capacitance Range
0.1 ~ 47µF
Operating Temp. Range
-55 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 1 Minutes @ 20°C
0.03CV + 8µA max.
Tan δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
Tan δ @ 120Hz/20°C
0.24
0.22
0.20
0.20
0.20
0.18
Low Temperature Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
Z -25°C/Z +20°C
3
3
2
2
2
2
Z -40°C/Z +20°C
8
8
4
4
3
3
Load Life Test
105°C 1,000 Hours
(Reverse polarity every 500 Hours)
Capacitance Change
Within ±25% of initial measured value
Tan δ
Less than 200% of specified max. value
Leakage Current
Less than specified max. value


Similar Part No. - NACNW3.3K10V4X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACNW330M10V63X55TR13F NIC-NACNW330M10V63X55TR13F Datasheet
85Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACNW330M16V63X55TR13F NIC-NACNW330M16V63X55TR13F Datasheet
85Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACNW330M63V63X55TR13F NIC-NACNW330M63V63X55TR13F Datasheet
85Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACNW3R3M25V4X55TR13F NIC-NACNW3R3M25V4X55TR13F Datasheet
85Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACNW3R3M35V5X55TR13F NIC-NACNW3R3M35V5X55TR13F Datasheet
85Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACNW3.3K10V4X5.5TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com