Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F800BJHE-PBTL90 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LH28F800BJHE-PBTL90
Description  8M (x8/x16) Flash Memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F800BJHE-PBTL90 Datasheet(HTML) 5 Page - Sharp Corporation

  LH28F800BJHE-PBTL90 Datasheet HTML 1Page - Sharp Corporation LH28F800BJHE-PBTL90 Datasheet HTML 2Page - Sharp Corporation LH28F800BJHE-PBTL90 Datasheet HTML 3Page - Sharp Corporation LH28F800BJHE-PBTL90 Datasheet HTML 4Page - Sharp Corporation LH28F800BJHE-PBTL90 Datasheet HTML 5Page - Sharp Corporation LH28F800BJHE-PBTL90 Datasheet HTML 6Page - Sharp Corporation LH28F800BJHE-PBTL90 Datasheet HTML 7Page - Sharp Corporation LH28F800BJHE-PBTL90 Datasheet HTML 8Page - Sharp Corporation LH28F800BJHE-PBTL90 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
LHF80J05
3
Rev. 1.27
1 INTRODUCTION
This datasheet contains the product specifications. Section
1 provides a flash memory overview. Sections 2, 3, 4 and
5 describe the memory organization and functionality.
Section 6 covers electrical specifications.
1.1 Features
Key enhancements of the product are:
•Single low voltage operation
•Low power consumption
•Enhanced Suspend Capabilities
•Boot Block Architecture
Please note following:
•V
CCWLK has been lowered to 1.0V to support 2.7V-
3.6V block erase, full chip erase, word/byte write and
lock-bit configuration operations. The VCCW voltage
transitions to GND is recommended for designs that
switch VCCW off during read operation.
1.2 Product Overview
The product is a high-performance 8M-bit Boot Block
Flash memory organized as 512K-word of 16 bits or 1M-
byte of 8 bits. The 512K-word/1M-byte of data is arranged
in two 4K-word/8K-byte boot blocks, six 4K-word/8K-
byte parameter blocks and fifteen 32K-word/64K-byte
main blocks which are individually erasable, lockable and
unlockable in-system. The memory map is shown in
Figure 3.
The dedicated VCCW pin gives complete data protection
when VCCW≤VCCWLK.
A Command User Interface (CUI) serves as the interface
between the system processor and internal operation of the
device. A valid command sequence written to the CUI
initiates device automation. An internal Write State
Machine (WSM) automatically executes the algorithms
and timings necessary for block erase, full chip erase,
word/byte write and lock-bit configuration operations.
A block erase operation erases one of the device’s 32K-
word/64K-byte blocks typically within 1.2s (3V VCC, 3V
VCCW), 4K-word/8K-byte blocks typically within 0.6s (3V
VCC, 3V VCCW) independent of other blocks. Each block
can be independently erased minimum 100,000 times.
Block erase suspend mode allows system software to
suspend block erase to read or write data from any other
block.
Writing
memory
data
is
performed
in
word/byte
increments of the device’s 32K-word blocks typically
within 33µs (3V VCC, 3V VCCW), 64K-byte blocks
typically within 31µs (3V VCC, 3V VCCW), 4K-word
blocks typically within 36µs (3V VCC, 3V VCCW), 8K-
byte blocks typically within 32µs (3V VCC, 3V VCCW).
Word/byte write suspend mode enables the system to read
data or execute code from any other flash memory array
location.
Individual block locking uses a combination of bits, thirty-
nine block lock-bits, a permanent lock-bit and WP# pin, to
lock and unlock blocks. Block lock-bits gate block erase,
full chip erase and word/byte write operations, while the
permanent lock-bit gates block lock-bit modification and
locked
block
alternation.
Lock-bit
configuration
operations (Set Block Lock-Bit, Set Permanent Lock-Bit
and Clear Block Lock-Bits commands) set and cleared
lock-bits.
The status register indicates when the WSM’s block erase,
full chip erase, word/byte write or lock-bit configuration
operation is finished.
The RY/BY# output gives an additional indicator of WSM
activity by providing both a hardware signal of status
(versus software polling) and status masking (interrupt
masking for background block erase, for example). Status
polling using RY/BY# minimizes both CPU overhead and
system power consumption. When low, RY/BY# indicates
that the WSM is performing a block erase, full chip erase,
word/byte write or lock-bit configuration. RY/BY#-high Z
indicates that the WSM is ready for a new command,
block erase is suspended (and
word/byte write is
inactive), word/byte write is suspended, or the device is in
reset mode.


Similar Part No. - LH28F800BJHE-PBTL90

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
More results

Similar Description - LH28F800BJHE-PBTL90

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL70 SHARP-LH28F800BJE-PBTL70 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL90 SHARP-LH28F800BJE-PBTL90 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJB-PTTL10 SHARP-LH28F800BJB-PTTL10 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PTTLZ1 SHARP-LH28F800BJE-PTTLZ1 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com