Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHB78NQ03LT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHB78NQ03LT
Description  N-channel enhancement mode field-effect transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHB78NQ03LT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PHB78NQ03LT Datasheet HTML 2Page - NXP Semiconductors PHB78NQ03LT Datasheet HTML 3Page - NXP Semiconductors PHB78NQ03LT Datasheet HTML 4Page - NXP Semiconductors PHB78NQ03LT Datasheet HTML 5Page - NXP Semiconductors PHB78NQ03LT Datasheet HTML 6Page - NXP Semiconductors PHB78NQ03LT Datasheet HTML 7Page - NXP Semiconductors PHB78NQ03LT Datasheet HTML 8Page - NXP Semiconductors PHB78NQ03LT Datasheet HTML 9Page - NXP Semiconductors PHB78NQ03LT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
PHP/PHB/PHD78NQ03LT
N-channel enhancement mode field-effect transistor
Product data
Rev. 01 — 14 November 2001
6 of 14
9397 750 08916
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
Tj =25 °CTj =25 °C and 175 °C; VDS ≥ ID x RDSON
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
60
40
20
0
ID
(A)
0
0.4
0.8
1.2
1.6
2
VDS (V)
5 V
VGS = 3 V
3.5 V
4 V
10 V
4.5 V
6 V
003aaa169
Tj = 175
ο
C
Tj = 25
ο
C
0
2
3
4
VGS (V)
40
30
20
0
10
ID
(A)
003aaa170
40
20
0
RDSon
(m
Ω)
ID (A)
010
20
30
40
50
VGS = 3 V
3.5 V
5 V
6 V
10 V
4 V
60
003aaa171
03aa27
0
0.4
0.8
1.2
1.6
2
-60
0
60
120
180
Tj (
oC)
a
a
R
DSon
R
DSon 25 C
°
()
-----------------------------
=


Similar Part No. - PHB78NQ03LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHB71NQ03LT PHILIPS-PHB71NQ03LT Datasheet
265Kb / 14P
   TrenchMOS logic level FET
Rev. 01-25 June 2002
PHB73N06T PHILIPS-PHB73N06T Datasheet
264Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 01-12 March 2001
PHB7N40E PHILIPS-PHB7N40E Datasheet
78Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHB7N60E PHILIPS-PHB7N60E Datasheet
91Kb / 10P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.400
More results

Similar Description - PHB78NQ03LT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com